document.write("
| BDW-R Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "BDW-R" Totale : 71 ( 1/4 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() New Jersey Semiconducto... | BDW23 | ![]() | Trans Darlington NPN 45V 6A 3-Pin(3+Tab) TO-220 Tube | no unknown active | ![]() |
| BDW23A | ![]() | Trans Darlington NPN 60V 6A 3-Pin(3+Tab) TO-220 Tube | no unknown active | ![]() | |
| BDW23B | ![]() | Trans Darlington NPN 80V 6A 3-Pin(3+Tab) TO-220 Tube | no unknown active | ![]() | |
| BDW23C | ![]() | Trans Darlington NPN 100V 6A 3-Pin(3+Tab) TO-220 Tube | no unknown active | ![]() | |
| BDW24 | ![]() | Trans Darlington PNP 45V 6A 3-Pin(3+Tab) TO-220 Rail | no unknown active | ![]() | |
| BDW24A | ![]() | Trans Darlington PNP 60V 6A 3-Pin(3+Tab) TO-220 | no unknown active | ![]() | |
| BDW24B | ![]() | Trans Darlington PNP 80V 6A 3-Pin(3+Tab) TO-220 | no unknown active | ![]() | |
| BDW24C | ![]() | Trans Darlington PNP 100V 6A 3-Pin(3+Tab) TO-220 | no unknown active | ![]() | |
| BDW40 | ![]() | Trans Darlington NPN 100V 15A 3-Pin(3+Tab) TO-220AB Rail | no unknown active | ![]() | |
| BDW41 | ![]() | Trans Darlington NPN 100V 15A 3-Pin(3+Tab) TO-220AB Rail | no unknown active | ![]() | |
![]() onsemi | BDW42 | ![]() | 15 A, 100 V NPN Darlington Bipolar Power Transistor, TO-220 3 LEAD STANDARD, 50-TUBE | no obsolete | ![]() |
| BDW42G | ![]() | 15 A, 100 V NPN Darlington Bipolar Power Transistor, TO-220 3 LEAD STANDARD, 50-TUBE | yes end_of_life | ![]() | |
![]() New Jersey Semiconducto... | BDW43 | ![]() | Trans Darlington NPN 100V 15A 3-Pin(3+Tab) TO-220AB Rail | no unknown active | ![]() |
| BDW44 | ![]() | Trans Darlington NPN 100V 15A 3-Pin(3+Tab) TO-220AB Rail | no unknown active | ![]() | |
| BDW45 | ![]() | Trans Darlington NPN 100V 15A 3-Pin(3+Tab) TO-220AB Rail | no unknown active | ![]() | |
![]() onsemi | BDW46 | ![]() | 15 A, 80 V PNP Darlington Bipolar Power Transistor, TO-220 3 LEAD STANDARD, 50-TUBE | no obsolete | ![]() |
| BDW46G | ![]() | 15 A, 80 V PNP Darlington Bipolar Power Transistor, TO-220 3 LEAD STANDARD, 50-TUBE | yes end_of_life | ![]() | |
| BDW47 | ![]() | 15 A, 100 V PNP Darlington Bipolar Power Transistor, TO-220 3 LEAD STANDARD, 50-TUBE | no obsolete | ![]() | |
| BDW47G | ![]() | 15 A, 100 V PNP Darlington Bipolar Power Transistor, TO-220 3 LEAD STANDARD, 50-TUBE | yes end_of_life | ![]() | |
![]() New Jersey Semiconducto... | BDW48 | ![]() | Trans Darlington NPN 100V 15A 3-Pin(3+Tab) TO-220AB Rail | no unknown active | ![]() |
1 2 3 4 |