document.write("
| BCPZ-R Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "BCPZ-R" Totale : 185 ( 1/10 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() onsemi | BCP51 | ![]() | PNP Epitaxial Silicon Transistor, 4000-REEL | yes obsolete | ![]() |
![]() NXP Semiconductors | BCP51 T/R | ![]() | 45 V, 1 A PNP medium power transistors - Complement: BCP54 ; fT min: 115 MHz; hFE max: 250 ; hFE min: 40 ; IC max: 1000 mA; Polarity: PNP ; Ptot max: 1300 mW; VCEO max: 45 V | compliant no active | ![]() |
| BCP51-10,115 | ![]() | 45 V, 1 A PNP medium power transistor SC-73 4-Pin | active | ![]() | |
| BCP51-16 T/R | ![]() | 45 V, 1 A PNP medium power transistors - Complement: BCP54-16 ; fT min: 115 MHz; hFE max: 250 ; hFE min: 100 ; IC max: 1000 mA; Polarity: PNP ; Ptot max: 1300 mW; VCEO max: 45 V | compliant no active | ![]() | |
| BCP51-16/A,115 | ![]() | BCP51-16 | unknown unknown obsolete | ![]() | |
![]() Nexperia | BCP51-16/A,115 | ![]() | 45 V, 1 A PNP medium power transistor@en-us SC-73 4-Pin | obsolete | ![]() |
![]() NXP Semiconductors | BCP51-16/A,135 | ![]() | BCP51-16 | unknown unknown obsolete | ![]() |
![]() Nexperia | BCP51-16/A,135 | ![]() | 45 V, 1 A PNP medium power transistor@en-us SC-73 4-Pin | obsolete | ![]() |
![]() NXP Semiconductors | BCP51-16/A2,115 | ![]() | BCP51-16 | unknown unknown obsolete | ![]() |
![]() Nexperia | BCP51-16/A2,115 | ![]() | 45 V, 1 A PNP medium power transistor@en-us SC-73 4-Pin | obsolete | ![]() |
![]() NXP Semiconductors | BCP51/A,115 | ![]() | BCP51 | unknown unknown obsolete | ![]() |
![]() Nexperia | BCP51/A,115 | ![]() | 45 V, 1 A PNP medium power transistor@en-us SC-73 4-Pin | obsolete | ![]() |
![]() onsemi | BCP52 | ![]() | PNP General Purpose Amplifier, 4000-REEL | yes obsolete | ![]() |
![]() NXP Semiconductors | BCP52,115 | ![]() | BCP52 | unknown unknown obsolete | ![]() |
| BCP52-10,115 | ![]() | BCP52-10 | unknown unknown obsolete | ![]() | |
| BCP52-16 T/R | ![]() | 60 V, 1 A PNP medium power transistors - Complement: BCP55-16 ; fT min: 115 MHz; hFE max: 250 ; hFE min: 100 ; IC max: 1000 mA; Polarity: PNP ; Ptot max: 1300 mW; VCEO max: 60 V | compliant no active | ![]() | |
| BCP52-16/A,115 | ![]() | BCP52-16 | unknown unknown obsolete | ![]() | |
![]() Nexperia | BCP52-16/A,115 | ![]() | 60 V, 1 A PNP medium power transistor@en-us SC-73 4-Pin | obsolete | ![]() |
![]() NXP Semiconductors | BCP52-16/A2,115 | ![]() | 60 V, 1 A PNP medium power transistor SC-73 4-Pin | unknown transferred | ![]() |
![]() Nexperia | BCP52-16/A2,115 | ![]() | 60 V, 1 A PNP medium power transistor@en-us SC-73 4-Pin | obsolete | ![]() |
1 2 3 4 5 6 7 8 9 10 |