document.write("
| BAT54SWL-AL3-R Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "BAT54SWL-AL3-R" Totale : 11 ( 1/1 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() NXP Semiconductors | BAT54SW T/R | ![]() | Schottky barrier (double) diodes - Cd max.: 10@VR=1V pF; Configuration: dual series ; IF max: 200 mA; IFSM max: 600 A; IR max: 2@VR=25VA; VFmax: 400@IF=10mA mV; VR max: 30 V | compliant no active | ![]() |
![]() Nexperia | BAT54SW-QF | ![]() | BAT54SW-Q - Schottky barrier diode@en-us SC-70 3-Pin | active | ![]() |
| BAT54SW-QX | ![]() | BAT54SW-Q - Schottky barrier diode@en-us SC-70 3-Pin | active | ![]() | |
| BAT54SW/A2,115 | ![]() | BAT54SW - Schottky barrier diode@en-us SC-70 3-Pin | obsolete | ![]() | |
![]() NXP Semiconductors | BAT54SW/DG,115 | ![]() | BAT54W series - Schottky barrier diodes SC-70 3-Pin | transferred | ![]() |
![]() Nexperia | BAT54SW/DG,115 | ![]() | BAT54SW - Schottky barrier diode@en-us SC-70 3-Pin | obsolete | ![]() |
![]() NXP Semiconductors | BAT54SWF | ![]() | BAT54W series - Schottky barrier diodes SC-70 3-Pin | transferred | ![]() |
![]() STMicroelectronics | BAT54SWFILM | ![]() | 40 V, 300 mA General purpose Signal Schottky Diode | compliant active | |
| BAT54SWFILMY | ![]() | Automotive 40 V, 300 mA General purpose Small Signal Schottky Diode | compliant active | ||
![]() onsemi | BAT54SWT1 | ![]() | 200 mA, 30 V, Schottky Diode, Dual Series, SC-70 (SOT-323) 3 LEAD, 3000-REEL | no obsolete | ![]() |
| BAT54SWT1G | ![]() | 200 mA, 30 V, Schottky Diode, Dual Series, 3000-REEL | yes active | ![]() |
1 |