document.write("
| BAS-M-R0001-R Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "BAS-M-R0001-R" Totale : 408 ( 1/21 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() NXP Semiconductors | BAS101,215 | ![]() | BAS101; BAS101S - High-voltage switching diodes TO-236 3-Pin | compliant transferred | ![]() |
| BAS101/T1R | ![]() | BAS101; BAS101S - High-voltage switching diodes TO-236 3-Pin | transferred | ![]() | |
![]() Nexperia | BAS101/T1R | ![]() | BAS101; BAS101S - High-voltage switching diodes@en-us TO-236 3-Pin | obsolete | ![]() |
![]() NXP Semiconductors | BAS101S,215 | ![]() | BAS101; BAS101S - High-voltage switching diodes TO-236 3-Pin | compliant transferred | ![]() |
| BAS116 T/R | ![]() | Low-leakage diode - Cd max.: 2 pF; Configuration: single ; IF max: 215 mA; IFSM max: 4 A; IR max: 5@VR=75V nA; IFRM: 500 mA; trr max: 3000 ns; VFmax: 1@IF=10mA mV; VR max: 75 V | compliant no active | ![]() | |
![]() Nexperia | BAS116DY-QX | ![]() | BAS116DY-Q - Low-leakage dual switching diode@en-us TSSOP 6-Pin | active | ![]() |
| BAS116DYX | ![]() | BAS116DY - Low-leakage dual switching diode@en-us TSSOP 6-Pin | active | ![]() | |
| BAS116GWF | ![]() | BAS116GW - Low leakage switching diode@en-us | active | ![]() | |
![]() NXP Semiconductors | BAS116GWJ | ![]() | BAS116GW - Low leakage switching diode | transferred | ![]() |
| BAS116GWX | ![]() | BAS116GW - Low leakage switching diode | transferred | ![]() | |
| BAS116H T/R | ![]() | 75 V low leakage diode in small SOD123F package - Cd max.: 2 pF; Configuration: single ; IF max: 215 mA; IFSM max: 4 A; IR max: 5@VR=75V nA; IFRM: 500 mA; trr max: 3000 ns; VFmax: 1@IF=10mA | compliant no active | ![]() | |
![]() Nexperia | BAS116LS-QYL | ![]() | BAS116LS-Q - Low-leakage diode@en-us | active | ![]() |
| BAS116LSYL | ![]() | BAS116LS - Low-leakage diode@en-us | active | ![]() | |
![]() onsemi | BAS116LT1 | ![]() | 75 V Switching Diode, SOT-23 (TO-236) 3 LEAD, 3000-REEL | no obsolete | ![]() |
| BAS116LT1G | ![]() | 75 V Switching Diode, SOT-23 (TO-236) 3 LEAD, 3000-REEL | yes active | ![]() | |
| BAS116LT3G | ![]() | 75 V Switching Diode, SOT-23 (TO-236) 3 LEAD, 10000-REEL | yes end_of_life | ![]() | |
![]() NXP Semiconductors | BAS116LYL | ![]() | BAS116L - Low-leakage Diode DFN 2-Pin | transferred | ![]() |
| BAS116QAZ | ![]() | BAS116QA - Low-leakage diode DFN 3-Pin | transferred | ![]() | |
![]() Nexperia | BAS116T,115 | ![]() | BAS116T - Single low leakage current switching diode@en-us SC-75 3-Pin | obsolete | ![]() |
![]() onsemi | BAS116TT1G | ![]() | 75 V Switching Diode, SC-75 (SOT-416) 3 LEAD, 3000-REEL | yes active | ![]() |
1 2 3 4 5 6 7 8 9 10 ..... |