document.write("
| BA12-R2 Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "BA12-R2" Totale : 4 ( 1/1 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() TE Connectivity | BA1-104481-0 | ![]() | Push-On Terminal | unknown unknown active | |
| BA104257-3 | ![]() | 04 MTE RCPT HSG SR LATCH .100 Number of Positions:4;Centerline (Pitch):2.54 mm;Centerline (Pitch):.1 in;Termination Method to Wire & Cable:Crimp;Insulation Displacement Crimp (IDC);Number of Rows:1 4 2.54 mm .1\" Crimp | TE Connectivity | unknown unknown active | ![]() | |
| BA104257-4 | ![]() | 05 MTE RCPT HSG SR LATCH .100 Number of Positions:5;Centerline (Pitch):2.54 mm;Centerline (Pitch):.1 in;Termination Method to Wire & Cable:Crimp;Insulation Displacement Crimp (IDC);Number of Rows:1 5 2.54 mm .1\" Crimp | TE Connectivity | unknown unknown active | ![]() | |
| BA104WA1 | ![]() | Power/Signal Relay, 3PST-NO, 28VDC (Coil), 200A (Contact), DC Input, Panel Mount | not_compliant unknown active |
1 |