document.write("

BA11-R Fabricant
Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "BA11-R" Totale : 4 ( 1/1 Page)
FabricantNo de pièceFiches technique
Date
Size
DescriptionRohs
Pb Free
Lifecycle
Direct Link
\"logo\"
TE Connectivity
BA1-104481-0Push-On Terminalunknown
unknown
active
BA104257-304 MTE RCPT HSG SR LATCH .100 Number of Positions:4;Centerline (Pitch):2.54 mm;Centerline (Pitch):.1 in;Termination Method to Wire & Cable:Crimp;Insulation Displacement Crimp (IDC);Number of Rows:1 4 2.54 mm .1\" Crimp | TE Connectivityunknown
unknown
active
BA104257-405 MTE RCPT HSG SR LATCH .100 Number of Positions:5;Centerline (Pitch):2.54 mm;Centerline (Pitch):.1 in;Termination Method to Wire & Cable:Crimp;Insulation Displacement Crimp (IDC);Number of Rows:1 5 2.54 mm .1\" Crimp | TE Connectivityunknown
unknown
active
BA104WA1Power/Signal Relay, 3PST-NO, 28VDC (Coil), 200A (Contact), DC Input, Panel Mountnot_compliant
unknown
active

1

");