document.write("
| AST-R Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "AST-R" Totale : 78 ( 1/4 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() STMicroelectronics | AST1S31HF | ![]() | Up to 4 V, 3 A step-down 2.3 MHz switching regulator for automotive applications | contact_manufacturer active | |
| AST1S31PUR | ![]() | Up to 4 V, 3 A step-down 1.5 MHz switching regulator for automotive applications | compliant active | ||
![]() TE Connectivity | AST2000F00020B1F1000 | ![]() | Pressure Sensor | unknown unknown active | |
| AST2000F00020B4F1000 | ![]() | Piezoresistive Sensor, 0Psi Min, 290Psi Max, 0.25%, 4-20mA, Cylindrical | unknown unknown active | ||
| AST2000F00448B1F1000 | ![]() | Pressure Sensor | unknown unknown active | ||
| AST2000F00448B1F1384 | ![]() | Pressure Sensor | unknown unknown active | ||
| AST2000F00700B1F1000 | ![]() | Pressure Sensor | unknown unknown active | ||
| AST2000M00020B1F1000 | ![]() | Pressure Sensor | unknown unknown active | ||
| AST2000M00448B1F1000 | ![]() | Pressure Sensor | unknown unknown active | ||
| AST2000M00448B1F1384 | ![]() | Pressure Sensor | unknown unknown active | ||
| AST2000X00448B1F1487 | ![]() | Pressure Sensor | unknown unknown active | ||
| AST2000X00900B1F1487 | ![]() | Pressure Sensor | unknown unknown active | ||
| AST20HAA05000P5I0H000 | ![]() | Sensor/Transducer | unknown unknown active | ||
| AST20HAF00350B4R0N000 | ![]() | Piezoresistive Sensor, 0Psi Min, 5075Psi Max, 0.1%, 4-20mA, Cylindrical | unknown unknown active | ||
| AST4000A00030BAZ0665 | ![]() | Piezoresistive Sensor, 0Psi Min, 435Psi Max | compliant unknown active | ||
| AST4000A00200P3D1000 | ![]() | Piezoresistive Sensor, 0Psi Min, 199.81Psi Max, 0.5%, 1-5V, Cylindrical | not_compliant unknown active | ||
| AST4000A00200P4E0000 | ![]() | Piezoresistive Sensor, 0Psi Min, 199.81Psi Max, 0.5%, 4-20mA, Cylindrical | not_compliant unknown active | ||
| AST4000A02500P3A1000 | ![]() | Piezoresistive Sensor, 0Psi Min, 2498.35Psi Max, 0.5%, 1-5V, Cylindrical | not_compliant unknown active | ||
| AST4000A02500P3D0000 | ![]() | Piezoresistive Sensor, 0Psi Min, 2498.35Psi Max, 0.5%, 1-5V, Cylindrical | compliant unknown active | ||
| AST4300A00030P4L1000 | ![]() | Piezoresistive Sensor, 0Psi Min, 29.87Psi Max, 4-20mA | compliant unknown active |
1 2 3 4 |