document.write("

AMS2911CD-3 Fabricant
Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "AMS2911CD-3" Totale : 4 ( 1/1 Page)
FabricantNo de pièceFiches technique
Date
Size
DescriptionRohs
Pb Free
Lifecycle
Direct Link
\"logo\"
Aimtec
AMSRL-7805-NZTRSwitching Regulators; Product Weight (grams): 2.3; Input voltage min (V): 6; Input voltage max (V): 28; Output voltage min: 5; Output voltage max: 5; Output voltage dual assymetric (y/n): Single; Output Power (W): 2.5; Max Output current (A): 0.5; Efficicompliant
yes
active
AMSRL-7812-NZTRSwitching Regulators; Product Weight (grams): 2.3; Input voltage min (V): 14; Input voltage max (V): 28; Output voltage min: 12; Output voltage max: 12; Output voltage dual assymetric (y/n): Single; Output Power (W): 6; Max Output current (A): 0.5; Efficcompliant
yes
active
AMSRL-7815-NZTRSwitching Regulators; Product Weight (grams): 2.3; Input voltage min (V): 17; Input voltage max (V): 28; Output voltage min: 15; Output voltage max: 15; Output voltage dual assymetric (y/n): Single; Output Power (W): 7.5; Max Output current (A): 0.5; Effcompliant
yes
active
AMSRL-783.3-NZTRSwitching Regulators; Product Weight (grams): 2.3; Input voltage min (V): 4.5; Input voltage max (V): 28; Output voltage min: 3.3; Output voltage max: 3.3; Output voltage dual assymetric (y/n): Single; Output Power (W): 1.65; Max Output current (A): 0.5;compliant
yes
active

1

");