document.write("

AMLDW-RZ Fabricant
Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "AMLDW-RZ" Totale : 5 ( 1/1 Page)
FabricantNo de pièceFiches technique
Date
Size
DescriptionRohs
Pb Free
Lifecycle
Direct Link
\"logo\"
Aimtec
AMLDV-4830-NZTRDC/DC LED Driver; Product Weight (grams): 6; Input voltage min (V): 5.5; Input voltage max (V): 48; Output voltage min: 3.3; Output voltage max: 36; Output voltage dual assymetric (y/n): Single; Output Power (W): 10.8; Max Output current (A): 0.3; Efficicompliant
yes
active
AMLDV-4835-NZTRDC/DC LED Driver; Product Weight (grams): 6; Input voltage min (V): 5.5; Input voltage max (V): 48; Output voltage min: 3.3; Output voltage max: 36; Output voltage dual assymetric (y/n): Single; Output Power (W): 12.6; Max Output current (A): 0.35; Efficcompliant
yes
active
AMLDV-4850-NZTRDC/DC LED Driver; Product Weight (grams): 6; Input voltage min (V): 5.5; Input voltage max (V): 48; Output voltage min: 3.3; Output voltage max: 36; Output voltage dual assymetric (y/n): Single; Output Power (W): 18; Max Output current (A): 0.5; Efficiencompliant
yes
active
AMLDV-4860-NZTRDC/DC LED Driver; Product Weight (grams): 6; Input voltage min (V): 5.5; Input voltage max (V): 48; Output voltage min: 3.3; Output voltage max: 36; Output voltage dual assymetric (y/n): Single; Output Power (W): 21.6; Max Output current (A): 0.6; Efficicompliant
yes
active
AMLDV-4870-NZTRDC/DC LED Driver; Product Weight (grams): 6; Input voltage min (V): 5.5; Input voltage max (V): 48; Output voltage min: 3.3; Output voltage max: 36; Output voltage dual assymetric (y/n): Single; Output Power (W): 25.2; Max Output current (A): 0.7; Efficicompliant
yes
active

1

");