document.write("
| AMLD-RZ Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "AMLD-RZ" Totale : 5 ( 1/1 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() Aimtec | AMLDV-4830-NZTR | ![]() | DC/DC LED Driver; Product Weight (grams): 6; Input voltage min (V): 5.5; Input voltage max (V): 48; Output voltage min: 3.3; Output voltage max: 36; Output voltage dual assymetric (y/n): Single; Output Power (W): 10.8; Max Output current (A): 0.3; Effici | compliant yes active | ![]() |
| AMLDV-4835-NZTR | ![]() | DC/DC LED Driver; Product Weight (grams): 6; Input voltage min (V): 5.5; Input voltage max (V): 48; Output voltage min: 3.3; Output voltage max: 36; Output voltage dual assymetric (y/n): Single; Output Power (W): 12.6; Max Output current (A): 0.35; Effic | compliant yes active | ![]() | |
| AMLDV-4850-NZTR | ![]() | DC/DC LED Driver; Product Weight (grams): 6; Input voltage min (V): 5.5; Input voltage max (V): 48; Output voltage min: 3.3; Output voltage max: 36; Output voltage dual assymetric (y/n): Single; Output Power (W): 18; Max Output current (A): 0.5; Efficien | compliant yes active | ![]() | |
| AMLDV-4860-NZTR | ![]() | DC/DC LED Driver; Product Weight (grams): 6; Input voltage min (V): 5.5; Input voltage max (V): 48; Output voltage min: 3.3; Output voltage max: 36; Output voltage dual assymetric (y/n): Single; Output Power (W): 21.6; Max Output current (A): 0.6; Effici | compliant yes active | ![]() | |
| AMLDV-4870-NZTR | ![]() | DC/DC LED Driver; Product Weight (grams): 6; Input voltage min (V): 5.5; Input voltage max (V): 48; Output voltage min: 3.3; Output voltage max: 36; Output voltage dual assymetric (y/n): Single; Output Power (W): 25.2; Max Output current (A): 0.7; Effici | compliant yes active | ![]() |
1 |