document.write("
| AM30-R82K-RC Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "AM30-R82K-RC" Totale : 36 ( 1/2 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() onsemi | AM305122R1DBGEVB | ![]() | BOARD DAUGHTER SPI STEP DVR SOIC | unknown unknown active | |
| AM305212R1DBGEVB | ![]() | BOARD DAUGHTER SPI STEP DVR NQFP | unknown unknown active | ||
| AM305222R1DBGEVB | ![]() | BOARD DAUGHTER SPI STEP DVR NQFP | unknown unknown active | ||
| AM305321R1DBGEVB | ![]() | BOARD DAUGHTER LIN STEP DVR NQFP | unknown unknown active | ||
| AM305421R1DBGEVB | ![]() | Power Management Modules & Development Tools AMIS30542 eval kit daughter board | unknown unknown active | ||
| AM306223R1DBGEVB | ![]() | BOARD DAUGHTER I2C STEP DVR SOIC | unknown unknown active | ||
| AM306227R1DBGEVB | ![]() | BOARD DAUGHTER I2C STEP DVR SOIC | unknown unknown active | ||
| AM306228R1DBGEVB | ![]() | BOARD DAUGHTER I2C STEP DVR NQFP | unknown unknown active | ||
| AM306238R1DBGEVB | ![]() | BOARD DAUGHTER LIN STEP DVR SOIC | unknown unknown active | ||
| AM306239R1DBGEVB | ![]() | BOARD DAUGHTER LIN STEP DVR SOIC | unknown unknown active | ||
| AM306244R1DBGEVB | ![]() | BOARD DAUGHTER I2C STEP DVR SOIC | unknown unknown active | ||
| AM306245R1DBGEVB | ![]() | BOARD DAUGHTER I2C STEP DVR NQFP | unknown unknown active | ||
| AM306245R2MMGEVB | ![]() | MOTOR MODULE I2C STEP DVR NQFP | unknown unknown active | ||
![]() Aimtec | AM30K-4801SCZ | ![]() | DC-DC Converter, 30Watt, Input VDC: 36~75, Output VDC: 1.8, Max Output Current(A): 6, Package: 2x1.6, Isolation(VDC): 1500, Operating Temp. -25??C to +71??C, Low Ripple & Noise, High Efficiency up to 89%, Low Profile Metal Package, Hiccup Auto-Recovery, S | compliant yes active | |
| AM30K-4802SCZ | ![]() | DC-DC Converter, 30Watt, Input VDC: 36~75, Output VDC: 2.5, Max Output Current(A): 6, Package: 2x1.6, Isolation(VDC): 1500, Operating Temp. -25??C to +71??C, Low Ripple & Noise, High Efficiency up to 89%, Low Profile Metal Package, Hiccup Auto-Recovery, S | compliant yes active | ||
| AM30K-4803SCZ | ![]() | DC-DC Converter, 30Watt, Input VDC: 36~75, Output VDC: 3.3, MaxOutput Current(A): 6, Package: 2x1.6, Isolation(VDC): 1500, Operating Temp. -25??C to +71??C, Low Ripple & Noise, High Efficiency up to 89%, Low Profile Metal Package, Hiccup Auto-Recovery, Si | compliant yes active | ||
| AM30K-4805SCZ | ![]() | DC-DC Converter, 30Watt, Input VDC: 36~75, Output VDC: 5, Max Output Current(A): 6, Package: 2x1.6, Isolation(VDC): 1500, Operating Temp. -25??C to +71??C, Low Ripple & Noise, High Efficiency up to 89%, Low Profile Metal Package, Hiccup Auto-Recovery, Sin | compliant yes active | ||
| AM30K-4812SCZ | ![]() | DC-DC Converter, 30Watt, Input VDC: 36~75, Output VDC: 12, Max Output Current(A): 2.5, Package: 2x1.6, Isolation(VDC): 1500, Operating Temp. -25??C to +71??C, Low Ripple & Noise, High Efficiency up to 89%, Low Profile Metal Package, Hiccup Auto-Recovery, | compliant yes active | ||
| AM30K-4815SCZ | ![]() | DC-DC Converter, 30Watt, Input VDC: 36~75, Output VDC: 15, Max Output Current(A): 2, Package: 2x1.6, Isolation(VDC): 1500, Operating Temp. -25??C to +71??C, Low Ripple & Noise, High Efficiency up to 89%, Low Profile Metal Package, Hiccup Auto-Recovery, Si | compliant yes active | ||
| AM30K-4824SCZ | ![]() | DC-DC Converter, 30Watt, Input VDC: 36~75, Output VDC: 24, Max Output Current(A): 1.25, Package: 2x1.6, Isolation(VDC): 1500, Operating Temp. -25??C to +71??C, Low Ripple & Noise, High Efficiency up to 89%, Low Profile Metal Package, Hiccup Auto-Recovery, | compliant yes active |
1 2 |