document.write("
| AM22CWCKGCM2SLASH1500D Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "AM22CWCKGCM2SLASH1500D" Totale : 113 ( 1/6 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() Aimtec | AM200QB-4805SH22-NZ-192 | ![]() | DC/DC Converter; Input voltage min (V): 18; Input voltage max (V): 75; Output voltage min: 5; Output voltage max: 5; Output voltage dual assymetric (y/n): Single; Output Power (W): 200; Max Output current (A): 40; Efficiency (%): 88; Max Capacitive load | compliant unknown active | ![]() |
| AM200QB-4812SH22-NZ-192 | ![]() | DC/DC Converter; Input voltage min (V): 18; Input voltage max (V): 75; Output voltage min: 12; Output voltage max: 12; Output voltage dual assymetric (y/n): Single; Output Power (W): 200; Max Output current (A): 16.7; Efficiency (%): 91; Max Capacitive l | compliant unknown active | ![]() | |
| AM200QB-4812SH22-NZ-M-192 | ![]() | DC/DC Converter; Input voltage min (V): 18; Input voltage max (V): 75; Output voltage min: 12; Output voltage max: 12; Output voltage dual assymetric (y/n): Single; Output Power (W): 200; Max Output current (A): 16.7; Efficiency (%): 91; Max Capacitive l | compliant unknown active | ![]() | |
| AM200QB-4815SH22-NZ-192 | ![]() | DC/DC Converter; Input voltage min (V): 18; Input voltage max (V): 75; Output voltage min: 15; Output voltage max: 15; Output voltage dual assymetric (y/n): Single; Output Power (W): 200; Max Output current (A): 13.3; Efficiency (%): 89; Max Capacitive l | compliant unknown active | ![]() | |
| AM200QB-4824SH22-NZ-192 | ![]() | DC/DC Converter; Input voltage min (V): 18; Input voltage max (V): 75; Output voltage min: 24; Output voltage max: 24; Output voltage dual assymetric (y/n): Single; Output Power (W): 200; Max Output current (A): 8.4; Efficiency (%): 91; Max Capacitive lo | compliant unknown active | ![]() | |
| AM200QB-4824SH22-NZ-M-192 | ![]() | DC/DC Converter; Input voltage min (V): 18; Input voltage max (V): 75; Output voltage min: 24; Output voltage max: 24; Output voltage dual assymetric (y/n): Single; Output Power (W): 200; Max Output current (A): 8.4; Efficiency (%): 91; Max Capacitive lo | compliant unknown active | ![]() | |
| AM200QB-4848SH22-NZ-192 | ![]() | DC/DC Converter; Input voltage min (V): 18; Input voltage max (V): 75; Output voltage min: 48; Output voltage max: 48; Output voltage dual assymetric (y/n): Single; Output Power (W): 200; Max Output current (A): 4.2; Efficiency (%): 91; Max Capacitive lo | compliant unknown active | ![]() | |
| AM200QB-4848SH22-NZ-M-192 | ![]() | DC/DC Converter; Input voltage min (V): 18; Input voltage max (V): 75; Output voltage min: 48; Output voltage max: 48; Output voltage dual assymetric (y/n): Single; Output Power (W): 200; Max Output current (A): 4.2; Efficiency (%): 91; Max Capacitive lo | compliant unknown active | ![]() | |
| AM20E-2402SCZ | ![]() | DC-DC Converter, 20Watt, Input VDC: 18~36, Output VDC: 2.5, Max Output Current(A): 5, Package: 2x1, Isolation(VDC): 1500, Operating Temp. -25??C to +71??C, Low Ripple & Noise, High Efficiency up to 88%, Low Profile Metal Package,Current Limit Auto-Recover | compliant yes active | ||
| AM20E-2403SCZ | ![]() | DC-DC Converter, 20Watt, Input VDC: 18~36, Output VDC: 3.3, MaxOutput Current(A): 4.25, Package: 2x1, Isolation(VDC): 1500, Operating Temp. -25??C to +71??C, Low Ripple & Noise, High Efficiency up to 88%, Low Profile Metal Package,Current Limit Auto-Recov | compliant yes active | ||
| AM20E-2405SCZ | ![]() | DC-DC Converter, 20Watt, Input VDC: 18~36, Output VDC: 5, Max Output Current(A): 4, Package: 2x1, Isolation(VDC): 1500, Operating Temp. -25??C to +71??C, Low Ripple & Noise, High Efficiency up to 88%, Low Profile Metal Package,Current Limit Auto-Recovery, | compliant yes active | ||
| AM20E-4802SCZ | ![]() | DC-DC Converter, 20Watt, Input VDC: 36~75, Output VDC: 2.5, Max Output Current(A): 5, Package: 2x1, Isolation(VDC): 1500, Operating Temp. -25??C to +71??C, Low Ripple & Noise, High Efficiency up to 88%, Low Profile Metal Package,Current Limit Auto-Recover | compliant yes active | ||
| AM20E-4803SCZ | ![]() | DC-DC Converter, 20Watt, Input VDC: 36~75, Output VDC: 3.3, MaxOutput Current(A): 4.25, Package: 2x1, Isolation(VDC): 1500, Operating Temp. -25??C to +71??C, Low Ripple & Noise, High Efficiency up to 88%, Low Profile Metal Package,Current Limit Auto-Recov | compliant yes active | ||
| AM20E-4805SCZ | ![]() | DC-DC Converter, 20Watt, Input VDC: 36~75, Output VDC: 5, Max Output Current(A): 4, Package: 2x1, Isolation(VDC): 1500, Operating Temp. -25??C to +71??C, Low Ripple & Noise, High Efficiency up to 88%, Low Profile Metal Package,Current Limit Auto-Recovery, | compliant yes active | ||
| AM20U-1203SCZ | ![]() | DC-DC Converter, 20Watt, Input VDC: 9~18, Output VDC: 3.3, MaxOutput Current(A): 4, Package: 2x2, Isolation(VDC): 1500, Operating Temp. -25??C to +71??C, Low Ripple & Noise, High Efficiency up to 82%, Low Profile Metal Package, Hiccup Auto-Recovery, Sing | compliant yes active | ||
| AM20U-1205DCZ | ![]() | DC-DC Converter, 20Watt, Input VDC: 9~18, Output VDC: 5 /-5, Max Output Current(A): ??2, Package: 2x2, Isolation(VDC): 1500, Operating Temp. -25??C to +71??C, Low Ripple & Noise, High Efficiency up to 82%, Low Profile Metal Package, Hiccup Auto-Recovery | compliant yes active | ||
| AM20U-1205SCZ | ![]() | DC-DC Converter, 20Watt, Input VDC: 9~18, Output VDC: 5, Max Output Current(A): 4, Package: 2x2, Isolation(VDC): 1500, Operating Temp. -25??C to +71??C, Low Ripple & Noise, High Efficiency up to 82%, Low Profile Metal Package, Hiccup Auto-Recovery, Singl | compliant yes active | ||
| AM20U-1212DCZ | ![]() | DC-DC Converter, 20Watt, Input VDC: 9~18, Output VDC: 12/-12, Max Output Current(A): ??0.83, Package: 2x2, Isolation(VDC): 1500, Operating Temp. -25??C to +71??C, Low Ripple & Noise, High Efficiency up to 82%, Low Profile Metal Package, Hiccup Auto-Recov | compliant yes active | ||
| AM20U-1212SCZ | ![]() | DC-DC Converter, 20Watt, Input VDC: 9~18, Output VDC: 12, Max Output Current(A): 1.67, Package: 2x2, Isolation(VDC): 1500, Operating Temp. -25??C to +71??C, Low Ripple & Noise, High Efficiency up to 82%, Low Profile Metal Package, Hiccup Auto-Recovery, S | compliant yes active | ||
| AM20U-1215DCZ | ![]() | DC-DC Converter, 20Watt, Input VDC: 9~18, Output VDC: 15/-15, Max Output Current(A): ??0.66, Package: 2x2, Isolation(VDC): 1500, Operating Temp. -25??C to +71??C, Low Ripple & Noise, High Efficiency up to 82%, Low Profile Metal Package, Hiccup Auto-Reco | compliant yes active |
1 2 3 4 5 6 |