document.write("
| ADW-R Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "ADW-R" Totale : 18 ( 1/1 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() Analog Devices Inc | ADW12001BCPZRL-40 | ![]() | Dual 14-Bit, 20/40/65 MSPS, 3 V Analog-to-Digital Converter | compliant no active | ![]() |
| ADW22390Z-RL | ![]() | Low Cost ±1.2g Dual Axis Accelerometer, LCC:CER LEADLESS CHIP CARR, 8 Pins | exempt active | ![]() | |
| ADW22405-RL | ![]() | Low Cost, Single Axis, PSI5-Compatible Satellite Sensor, LFCSP SIDESOLDERABLE, 12 Pins, -40 to 125C | compliant active | ![]() | |
| ADW22408 | ![]() | Dual-Axis, 60 g to 480 g Sensor with SPI and PSI5, LFCSP:LEADFRM CHIP SCALE, 12 Pins, -40 to 125C | compliant active | ![]() | |
| ADW22888-RL | ![]() | High Performance, Dual-Axis Digital Output Accelerometer | exempt no preview | ![]() | |
| ADW50012Z-OREEL7 | ![]() | 2.7 V to 5.5 V, 140 µA, Rail-to-Rail Voltage Output 12-Bit DAC in SOT-23 and MicroSOIC Packages; Package: SOT-23; No of Pins: 6; Temperature Range: Commercial | compliant yes obsolete | ![]() | |
| ADW54003-0 | ![]() | +3V/+5V/± 5V CMOS 8-Channel Analog Multiplexer | compliant no active | ![]() | |
| ADW54003-0RL7 | ![]() | +3V/+5V/± 5V CMOS 8-Channel Analog Multiplexer | compliant no active | ![]() | |
| ADW54008-0REEL | ![]() | CMOS, Low Voltage, Single 8 to 1 Multiplexer | compliant no active | ![]() | |
| ADW54008-0REEL7 | ![]() | CMOS, Low Voltage, Single 8 to 1 Multiplexer | compliant no active | ![]() | |
| ADW54010Z-0REEL | ![]() | CMOS Low Voltage 2.5 Ω Dual SPDT Switch | compliant no active | ![]() | |
| ADW54011Z-0REEL7 | ![]() | Wideband 2.5 GHz, 37 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T | compliant no active | ![]() | |
| ADW54012Z-0REEL7 | ![]() | I2C® CMOS 8 x 8 Unbuffered Analog Switch Array with Dual/Single Supplies | compliant no active | ![]() | |
| ADW70015Z-0RL | ![]() | Isolated Sigma-Delta Modulator | compliant no active | ![]() | |
| ADW71205WSTZ-RL | ![]() | 12-Bit R/D Converter with Reference Oscillator | compliant no active | ![]() | |
| ADW71205YSTZ | ![]() | 12-Bit R/D Converter with Reference Oscillator | compliant no active | ![]() | |
| ADW71205YSTZ-RL | ![]() | 12-Bit R/D Converter with Reference Oscillator | compliant no active | ![]() | |
| ADW75001Z-0REEL7 | ![]() | Voltage Output Temperature Sensors | compliant no active | ![]() |
1 |