document.write("
| ADT-R Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "ADT-R" Totale : 157 ( 1/8 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() Analog Devices Inc | ADT6401SRJZ-RL7 | ![]() | Low Cost, 2.7 V to 5.5 V, Pin-Selectable Temperature Switch in SOT-23 (Open Drain Output) | compliant no active | ![]() |
| ADT6402SRJZ-RL7 | ![]() | ADT6402SRJZ-RL7 | compliant no active | ||
| ADT6501SRJZP065RL7 | ![]() | Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switch in SOT-23 (Monitors Temps from +35°C to +115°C) | compliant no active | ![]() | |
| ADT6501SRJZP075RL7 | ![]() | Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switch in SOT-23 (Monitors Temps from +35°C to +115°C) | compliant no active | ![]() | |
| ADT6501SRJZP085RL7 | ![]() | Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switch in SOT-23 (Monitors Temps from +35°C to +115°C) | compliant no active | ![]() | |
| ADT6501SRJZP095RL7 | ![]() | Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switch in SOT-23 (Monitors Temps from +35°C to +115°C) | compliant no active | ![]() | |
| ADT6501SRJZP105RL7 | ![]() | Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switch in SOT-23 (Monitors Temps from +35°C to +115°C) | compliant no active | ![]() | |
| ADT6501SRJZP115RL7 | ![]() | Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switch in SOT-23 (Monitors Temps from +35°C to +115°C) | compliant no active | ![]() | |
| ADT7301ARMZ | ![]() | 13-Bit, ±1°C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23 and 8-Lead MSOP | compliant no active | ![]() | |
| ADT7301ARMZ-REEL7 | ![]() | 13-Bit, ±1°C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23 and 8-Lead MSOP | compliant no active | ![]() | |
| ADT7301ARTZ-500RL7 | ![]() | 13-Bit, ±1°C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23 and 8-Lead MSOP | compliant no active | ![]() | |
| ADT7301ARTZ-REEL7 | ![]() | 13-Bit, ±1°C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23 and 8-Lead MSOP | compliant no active | ![]() | |
| ADT7302ARMZ | ![]() | ±2°C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23 | compliant no active | ![]() | |
| ADT7302ARMZ-REEL7 | ![]() | ±2°C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23 | compliant no active | ![]() | |
| ADT7302ARTZ-500RL7 | ![]() | ±2°C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23 | compliant no active | ![]() | |
| ADT7302ARTZ-REEL7 | ![]() | ±2°C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23 | compliant no active | ![]() | |
| ADT7310TRZ | ![]() | ±0.5°C Accurate, 16-Bit Digital SPI Temperature Sensor | compliant no active | ![]() | |
| ADT7310TRZ-REEL | ![]() | ±0.5°C Accurate, 16-Bit Digital SPI Temperature Sensor | compliant no active | ![]() | |
| ADT7310TRZ-REEL7 | ![]() | ±0.5°C Accurate, 16-Bit Digital SPI Temperature Sensor | compliant no active | ![]() | |
| ADT7311WTRZ | ![]() | Automotive, ±0.5°C Accurate, 16-Bit Digital SPI Temperature Sensor | compliant no active | ![]() |
1 2 3 4 5 6 7 8 |