document.write("
| 74LVC574L-R20-R Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "74LVC574L-R20-R" Totale : 6 ( 1/1 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() NXP Semiconductors | 74LVC574ABQ-G | ![]() | Octal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger (3-state) - Description: 3.3V Octal D-Type Flip-Flop ; Fmax: 150 MHz; Logic switching levels: TTL ; Output drive capability: +/- 24 mA ; Power dissipation considerat | compliant no active | ![]() |
![]() Nexperia | 74LVC574AD,112 | ![]() | 74LVC574A - Octal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state@en-us SOP 20-Pin | compliant obsolete | ![]() |
| 74LVC574ADB,112 | ![]() | 74LVC574A - Octal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state@en-us SSOP2 20-Pin | compliant obsolete | ![]() | |
| 74LVC574ADB,118 | ![]() | 74LVC574A - Octal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state@en-us SSOP2 20-Pin | compliant obsolete | ![]() | |
| 74LVC574APW,112 | ![]() | 74LVC574A - Octal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state@en-us TSSOP2 20-Pin | compliant obsolete | ![]() | |
![]() NXP Semiconductors | 74LVC574APW/AUJ | ![]() | IC FLIP FLOP OCTAL D POS 20TSSOP | compliant yes transferred |
1 |