document.write("

74LVC574G-R20-R Fabricant
Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "74LVC574G-R20-R" Totale : 6 ( 1/1 Page)
FabricantNo de pièceFiches technique
Date
Size
DescriptionRohs
Pb Free
Lifecycle
Direct Link
\"logo\"
NXP Semiconductors
74LVC574ABQ-GOctal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger (3-state) - Description: 3.3V Octal D-Type Flip-Flop ; Fmax: 150 MHz; Logic switching levels: TTL ; Output drive capability: +/- 24 mA ; Power dissipation consideratcompliant
no
active
\"logo\"
Nexperia
74LVC574AD,11274LVC574A - Octal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state@en-us SOP 20-Pincompliant

obsolete
74LVC574ADB,11274LVC574A - Octal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state@en-us SSOP2 20-Pincompliant

obsolete
74LVC574ADB,11874LVC574A - Octal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state@en-us SSOP2 20-Pincompliant

obsolete
74LVC574APW,11274LVC574A - Octal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state@en-us TSSOP2 20-Pincompliant

obsolete
\"logo\"
NXP Semiconductors
74LVC574APW/AUJIC FLIP FLOP OCTAL D POS 20TSSOPcompliant
yes
transferred

1

");