document.write("
| 74LVC573G-R20-R Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "74LVC573G-R20-R" Totale : 9 ( 1/1 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() NXP Semiconductors | 74LVC573ABQ-G | ![]() | Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state - Description: 3.3V Octal D-Type Transparent Latch (3-State) ; Logic switching levels: TTL ; Output drive capability: +/- 24 mA ; Power dissipation considerations: Low Power or Batte | compliant no active | ![]() |
![]() Nexperia | 74LVC573ABXX | ![]() | 74LVC573A - Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state@en-us QFN 20-Pin | compliant obsolete | ![]() |
| 74LVC573AD,112 | ![]() | 74LVC573A - Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state@en-us SOP 20-Pin | compliant obsolete | ![]() | |
![]() NXP Semiconductors | 74LVC573AD-Q100J | ![]() | 74LVC573A-Q100 - Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state SOP 20-Pin | compliant transferred | ![]() |
![]() Nexperia | 74LVC573ADB,112 | ![]() | 74LVC573A - Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state@en-us SSOP2 20-Pin | compliant obsolete | ![]() |
| 74LVC573ADB,118 | ![]() | 74LVC573A - Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state@en-us SSOP2 20-Pin | compliant obsolete | ![]() | |
| 74LVC573APW,112 | ![]() | 74LVC573A - Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state@en-us TSSOP2 20-Pin | compliant obsolete | ![]() | |
![]() NXP Semiconductors | 74LVC573APW-Q100J | ![]() | 74LVC573A-Q100 - Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state TSSOP2 20-Pin | compliant transferred | ![]() |
| 74LVC573APW/AUJ | ![]() | IC TRANSP LATCH OCT D 20TSSOP | compliant yes transferred |
1 |