document.write("

74LVC373G-R20-R Fabricant
Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "74LVC373G-R20-R" Totale : 9 ( 1/1 Page)
FabricantNo de pièceFiches technique
Date
Size
DescriptionRohs
Pb Free
Lifecycle
Direct Link
\"logo\"
NXP Semiconductors
74LVC373ABQ-GOctal D-type transparent latch with 5 V tolerant inputs/outputs; (3-State) - Description: 3.3V Octal D-Type Transparent Latch (3-State) ; Logic switching levels: TTL ; Output drive capability: +/- 24 mA ; Power dissipation considerations: Low Power or Batcompliant
no
active
\"logo\"
Nexperia
74LVC373AD,11274LVC373A - Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state@en-us SOP 20-Pincompliant

obsolete
\"logo\"
NXP Semiconductors
74LVC373AD-Q100J74LVC373A-Q100 - Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state SOP 20-Pincompliant

transferred
\"logo\"
Nexperia
74LVC373ADB,11274LVC373A - Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state@en-us SSOP2 20-Pincompliant

obsolete
74LVC373ADB,11874LVC373A - Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state@en-us SSOP2 20-Pincompliant

obsolete
74LVC373ADB-Q100J74LVC373A-Q100 - Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state@en-us SSOP2 20-Pin

active
74LVC373APW,11274LVC373A - Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state@en-us TSSOP2 20-Pincompliant

obsolete
\"logo\"
NXP Semiconductors
74LVC373APW-Q100J74LVC373A-Q100 - Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state TSSOP2 20-Pincompliant

transferred
74LVC373APW/AUJIC TRANSP LATCH OCTAL D 20TSSOPcompliant
yes
transferred

1

");