document.write("
| 74LVC1G17-AF5-R Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "74LVC1G17-AF5-R" Totale : 16 ( 1/1 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() Nexperia | 74LVC1G175GF,132 | ![]() | 74LVC1G175 - Single D-type flip-flop with reset; positive-edge trigger@en-us SON 6-Pin | compliant obsolete | ![]() |
![]() NXP Semiconductors | 74LVC1G175GM-H | ![]() | Single D-type flip-flop with reset; positive-edge trigger - Description: 3.3V Single D Flip-Flop with reset; positive edge triggered ; Fmax: 300 MHz; Logic switching levels: TTL ; Output drive capability: +/- 32 mA ; Power dissipation considera | compliant no active | ![]() |
| 74LVC1G175GN,132 | ![]() | 74LVC1G175 - Single D-type flip-flop with reset; positive edge trigger SON 6-Pin | compliant transferred | ![]() | |
| 74LVC1G175GS,132 | ![]() | 74LVC1G175 - Single D-type flip-flop with reset; positive edge trigger | compliant transferred | ![]() | |
| 74LVC1G175GV-G | ![]() | Single D-type flip-flop with reset; positive-edge trigger - Description: 3.3V Single D Flip-Flop with reset; positive edge triggered ; Fmax: 300 MHz; Logic switching levels: TTL ; Output drive capability: +/- 32 mA ; Power dissipation considera | compliant no active | ![]() | |
| 74LVC1G175GV-Q100H | ![]() | 74LVC1G175-Q100 - Single D-type flip-flop with reset; positive-edge trigger TSOP 6-Pin | compliant transferred | ![]() | |
| 74LVC1G175GW-G | ![]() | Single D-type flip-flop with reset; positive-edge trigger - Description: 3.3V Single D Flip-Flop with reset; positive edge triggered ; Fmax: 300 MHz; Logic switching levels: TTL ; Output drive capability: +/- 32 mA ; Power dissipation considera | compliant no active | ![]() | |
| 74LVC1G175GW-Q100H | ![]() | 74LVC1G175-Q100 - Single D-type flip-flop with reset; positive-edge trigger TSSOP 6-Pin | unknown transferred | ![]() | |
![]() Nexperia | 74LVC1G17GF,132 | ![]() | 74LVC1G17 - Single Schmitt trigger buffer@en-us SON 6-Pin | compliant obsolete | ![]() |
![]() NXP Semiconductors | 74LVC1G17GM-H | ![]() | Single Schmitt trigger buffer - Description: 3.3V PicoGate Schmitt-Trigger Buffer ; Logic switching levels: TTL ; Number of pins: 6 ; Output drive capability: +/- 32 mA ; Power dissipation considerations: Low Power or Battery Applications ; Propagation de | compliant no active | ![]() |
![]() Nexperia | 74LVC1G17GM-Q100X | ![]() | 74LVC1G17-Q100 - Single Schmitt trigger buffer@en-us SON 6-Pin | active | ![]() |
![]() NXP Semiconductors | 74LVC1G17GV-G | ![]() | Single Schmitt trigger buffer - Description: 3.3V PicoGate Schmitt-Trigger Buffer ; Logic switching levels: TTL ; Number of pins: 5 ; Output drive capability: +/- 32 mA ; Power dissipation considerations: Low Power or Battery Applications ; Propagation de | compliant no active | ![]() |
| 74LVC1G17GW-G | ![]() | Single Schmitt trigger buffer - Description: 3.3V PicoGate Schmitt-Trigger Buffer ; Logic switching levels: TTL ; Number of pins: 5 ; Output drive capability: +/- 32 mA ; Power dissipation considerations: Low Power or Battery Applications ; Propagation de | compliant no active | ![]() | |
![]() Nexperia | 74LVC1G17GW/C,125 | ![]() | 74LVC1G17 - Single Schmitt trigger buffer TSSOP 5-Pin | obsolete | ![]() |
| 74LVC1G17GW/C4H | ![]() | 74LVC1G17 - Single Schmitt trigger buffer@en-us TSSOP 5-Pin | active | ![]() | |
| 74LVC1G17GX4Z | ![]() | 74LVC1G17 - Single Schmitt trigger buffer@en-us | active | ![]() |
1 |