document.write("
| 2PC2-R Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "2PC2-R" Totale : 21 ( 1/2 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() NXP Semiconductors | 2PC4081Q T/R | ![]() | NPN general-purpose transistor - Complement: 2PA1576Q ; fT min: 100 MHz; hFE max: 270 ; hFE min: 120 ; IC max: 100 mA; Polarity: NPN ; Ptot max: 200 mW; VCEO max: 40 V | compliant no active | ![]() |
![]() Nexperia | 2PC4081Q-QX | ![]() | 2PC4081Q-Q - NPN general-purpose transistor@en-us SC-70 3-Pin | active | ![]() |
![]() NXP Semiconductors | 2PC4081R T/R | ![]() | NPN general-purpose transistor - Complement: 2PA1576R ; fT min: 100 MHz; hFE max: 390 ; hFE min: 180 ; IC max: 100 mA; Polarity: NPN ; Ptot max: 200 mW; VCEO max: 40 V | compliant no active | ![]() |
| 2PC4081R,185 | ![]() | 2PC4081 - NPN general-purpose transistor SC-70 3-Pin | active | ![]() | |
![]() Nexperia | 2PC4081R,185 | ![]() | 2PC4081R - NPN general-purpose transistor@en-us SC-70 3-Pin | active | ![]() |
| 2PC4081R-QX | ![]() | 2PC4081R-Q - NPN general-purpose transistor@en-us SC-70 3-Pin | active | ![]() | |
![]() NXP Semiconductors | 2PC4081S T/R | ![]() | NPN general-purpose transistor - Complement: 2PA1576S ; fT min: 100 MHz; hFE max: 560 ; hFE min: 270 ; IC max: 100 mA; Polarity: NPN ; Ptot max: 200 mW; VCEO max: 40 V | compliant no active | ![]() |
![]() Nexperia | 2PC4081S-QF | ![]() | 2PC4081S-Q - NPN general-purpose transistor@en-us SC-70 3-Pin | active | ![]() |
| 2PC4081S-QX | ![]() | 2PC4081S-Q - NPN general-purpose transistor@en-us SC-70 3-Pin | active | ![]() | |
![]() NXP Semiconductors | 2PC4617Q T/R | ![]() | NPN general-purpose transistor - Complement: 2PA1774Q ; fT min: 100 MHz; hFE max: 270 ; hFE min: 120 ; IC max: 100 mA; Polarity: NPN ; Ptot max: 150 mW; VCEO max: 50 V | compliant no active | ![]() |
| 2PC4617Q/DG,115 | ![]() | 2PC4617 - NPN general-purpose transistor SC-75 3-Pin | transferred | ||
![]() Nexperia | 2PC4617Q/DG,115 | ![]() | 2PC4617 - NPN general-purpose transistor@en-us SC-75 3-Pin | obsolete | ![]() |
![]() NXP Semiconductors | 2PC4617QM T/R | ![]() | NPN general purpose transistors | compliant no active | ![]() |
| 2PC4617QMB,315 | ![]() | 2PC4617xMB series - 50 V, 100 mA NPN general-purpose transistors DFN 3-Pin | compliant transferred | ![]() | |
| 2PC4617R T/R | ![]() | NPN general-purpose transistor - Complement: 2PA1774R ; fT min: 100 MHz; hFE max: 390 ; hFE min: 180 ; IC max: 100 mA; Polarity: NPN ; Ptot max: 150 mW; VCEO max: 50 V | compliant no active | ![]() | |
| 2PC4617R/A2,115 | ![]() | 2PC4617 - NPN general-purpose transistor SC-75 3-Pin | transferred | ||
![]() Nexperia | 2PC4617R/A2,115 | ![]() | 2PC4617 - NPN general-purpose transistor@en-us SC-75 3-Pin | obsolete | ![]() |
![]() NXP Semiconductors | 2PC4617R/DG,115 | ![]() | 2PC4617 - NPN general-purpose transistor SC-75 3-Pin | transferred | |
![]() Nexperia | 2PC4617R/DG,115 | ![]() | 2PC4617 - NPN general-purpose transistor@en-us SC-75 3-Pin | obsolete | ![]() |
![]() NXP Semiconductors | 2PC4617RM T/R | ![]() | NPN general purpose transistors | compliant no active | ![]() |
1 2 |