document.write("

2PB2-R Fabricant
Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "2PB2-R" Totale : 24 ( 1/2 Page)
FabricantNo de pièceFiches technique
Date
Size
DescriptionRohs
Pb Free
Lifecycle
Direct Link
\"logo\"
NXP Semiconductors
2PB1219AQ T/RPNP general purpose transistor - Complement: 2PD1820AQ ; fT min: 100 MHz; hFE max: 170 ; hFE min: 85 ; IC max: 500 mA; Polarity: PNP ; Ptot max: 250 mW; VCEO max: 50 Vcompliant
no
active
2PB1219AR T/RPNP general purpose transistor - Complement: 2PD1820AR ; fT min: 120 MHz; hFE max: 240 ; hFE min: 120 ; IC max: 500 mA; Polarity: PNP ; Ptot max: 250 mW; VCEO max: 50 Vcompliant
no
active
2PB1219AS T/RPNP general purpose transistor - Complement: 2PD1820AS ; fT min: 140 MHz; hFE max: 340 ; hFE min: 170 ; IC max: 500 mA; Polarity: PNP ; Ptot max: 250 mW; VCEO max: 50 Vcompliant
no
active
2PB1424,1152PB1424 - 20 V, 3 A PNP low VCEsat (BISS) transistor SOT-89 3-Pincompliant

transferred
2PB709AR T/RPNP general purpose transistor - Complement: 2PD601AR ; fT min: 70 MHz; hFE max: 340 ; hFE min: 210 ; IC max: 100 mA; Polarity: PNP ; Ptot max: 250 mW; VCEO max: 45 Vcompliant
no
active
\"logo\"
Nexperia
2PB709ARL/DG,2152PB709ARL - 45 V, 100 mA PNP general-purpose transistor@en-us TO-236 3-Pin

obsolete
2PB709ARL/DG,2352PB709ARL - 45 V, 100 mA PNP general-purpose transistor@en-us TO-236 3-Pin

obsolete
\"logo\"
NXP Semiconductors
2PB709ARW T/RPNP general purpose transistors - Complement: 2PD601ARW ; fT min: 70 MHz; hFE max: 340 ; hFE min: 210 ; IC max: -100 mA; Polarity: PNP ; Ptot max: 200 mW; VCEO max: -45 Vcompliant
no
active
2PB709AS T/RPNP general purpose transistor - Complement: 2PD601AS ; fT min: 80 MHz; hFE max: 460 ; hFE min: 290 ; IC max: 100 mA; Polarity: PNP ; Ptot max: 250 mW; VCEO max: 45 Vcompliant
no
active
\"logo\"
Nexperia
2PB709ASL-QR2PB709ASL-Q - 45 V, 100 mA PNP general-purpose transistor@en-us TO-236 3-Pin

active
2PB709ASL/DG,2152PB709ASL - 45 V, 100 mA PNP general-purpose transistor@en-us TO-236 3-Pin

obsolete
2PB709ASL/DG,2352PB709ASL - 45 V, 100 mA PNP general-purpose transistor@en-us TO-236 3-Pin

obsolete
\"logo\"
NXP Semiconductors
2PB709ASW T/RPNP general purpose transistors - Complement: 2PD601ASW ; fT min: 80 MHz; hFE max: 460 ; hFE min: 290 ; IC max: -100 mA; Polarity: PNP ; Ptot max: 200 mW; VCEO max: -45 Vcompliant
no
active
2PB709BRL,2152PB709BRL; 2PB709BSL - 50 V, 200 mA PNP general-purpose transistors TO-236 3-Pin

transferred
2PB709BSL,2152PB709BRL; 2PB709BSL - 50 V, 200 mA PNP general-purpose transistors TO-236 3-Pin

transferred
2PB710AQ T/RPNP general purpose transistor - Complement: 2PD602AQ ; fT min: 100 MHz; hFE max: 170 ; hFE min: 85 ; IC max: 500 mA; Polarity: PNP ; Ptot max: 250 mW; VCEO max: 50 Vcompliant
no
active
2PB710AR T/RPNP general purpose transistor - Complement: 2PD602AR ; fT min: 120 MHz; hFE max: 240 ; hFE min: 120 ; IC max: 500 mA; Polarity: PNP ; Ptot max: 250 mW; VCEO max: 50 Vcompliant
no
active
\"logo\"
Nexperia
2PB710AR,1152PB710A - PNP general purpose transistor@en-us SMT 3-Pin

obsolete
2PB710ARL/DG,2152PB710ARL - 50 V, 500 mA PNP general-purpose transistor@en-us TO-236 3-Pin

obsolete
2PB710ARL/DG,2352PB710ARL - 50 V, 500 mA PNP general-purpose transistor@en-us TO-236 3-Pin

obsolete

1 2

");