document.write("
| 1N45L-R-AB3-I-R Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "1N45L-R-AB3-I-R" Totale : 163 ( 1/9 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() New Jersey Semiconducto... | 1N4500 | ![]() | Diode Switching 75V 2-Pin DO-35 | unknown unknown active | ![]() |
| 1N4508 | ![]() | Diode Switching 600V 22A 2-Pin DO-4 | unknown unknown active | ![]() | |
| 1N4508A | ![]() | Diode Switching 600V 22A 2-Pin DO-4 | unknown unknown contact_manufacturer | ![]() | |
| 1N4509 | ![]() | Diode Switching 800V 22A 2-Pin DO-4 | unknown unknown active | ![]() | |
| 1N4510 | ![]() | Diode Switching 1KV 22A 2-Pin DO-4 | unknown unknown active | ![]() | |
| 1N4511 | ![]() | Diode Switching 1.2KV 22A 2-Pin DO-4 | unknown unknown active | ![]() | |
| 1N4529 | ![]() | Diode 1KV 40A 2-Pin DO-5 | unknown unknown active | ![]() | |
| 1N4530 | ![]() | Diode 1.2KV 40A 2-Pin DO-5 | unknown unknown active | ![]() | |
![]() NXP Semiconductors | 1N4531 T/R | ![]() | High-speed diodes - Cd max.: 4 pF; Configuration: single ; IF max: 200 mA; IFSM max: 4 A; IR max: 25@VR=20V nA; IFRM: 450 mA; trr max: 4 ns; VFmax: 1@IF=10mA mV; VR max: 75 V | compliant yes active | ![]() |
| 1N4531,133 | ![]() | 1N4531 - High-speed diodes DO-34 2-Pin | transferred | ![]() | |
| 1N4531,143 | ![]() | 1N4531 - High-speed diodes DO-34 2-Pin | transferred | ![]() | |
![]() New Jersey Semiconducto... | 1N4549 | ![]() | Diode Zener Single 3.9V 20% 50W 2-Pin DO-5 | unknown unknown active | ![]() |
| 1N4549A | ![]() | Diode Zener Single 3.9V 10% 50W 2-Pin DO-5 | unknown unknown active | ![]() | |
| 1N4549B | ![]() | Diode Zener Single 3.9V 5% 50W 2-Pin DO-5 | unknown unknown active | ![]() | |
| 1N4549C | ![]() | Diode Zener Single 3.9V 2% 50W 2-Pin DO-5 | unknown unknown contact_manufacturer | ![]() | |
| 1N4549D | ![]() | Diode Zener Single 3.9V 1% 50W 2-Pin DO-5 | unknown unknown contact_manufacturer | ![]() | |
| 1N4550 | ![]() | Diode Zener Single 4.3V 20% 50W 2-Pin DO-5 | unknown unknown active | ![]() | |
| 1N4550A | ![]() | Diode Zener Single 4.3V 10% 50W 2-Pin DO-5 | unknown unknown active | ![]() | |
| 1N4550B | ![]() | Diode Zener Single 4.3V 5% 50W 2-Pin DO-5 | unknown unknown active | ![]() | |
| 1N4550C | ![]() | Diode Zener Single 4.3V 2% 50W 2-Pin DO-5 | unknown unknown contact_manufacturer | ![]() |
1 2 3 4 5 6 7 8 9 |