document.write("
| 1N40-R-AB3-I-R Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "1N40-R-AB3-I-R" Totale : 144 ( 1/8 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() New Jersey Semiconducto... | 1N4000 | ![]() | Diode Zener Single 7.5V 20% 10W 2-Pin DO-4 | unknown unknown active | ![]() |
![]() Digitron Semiconductors | 1N4000 | ![]() | Zener Diode; Max Peak Repetitive Reverse Voltage: 10; Max TMS Bridge Input Voltage: 10; Max DC Reverse Voltage: 1.3 | not_compliant unknown active | ![]() |
![]() New Jersey Semiconducto... | 1N4000-1 | ![]() | Diode Zener Single 7.5V 10% 10W 2-Pin DO-4 | unknown unknown contact_manufacturer | ![]() |
![]() Digitron Semiconductors | 1N4000A | ![]() | Zener Diode; Max Peak Repetitive Reverse Voltage: 5; Max TMS Bridge Input Voltage: 10; Max DC Reverse Voltage: 1.3 | not_compliant unknown active | ![]() |
![]() New Jersey Semiconducto... | 1N4000B | ![]() | Diode Zener Single 7.5V 10% 10W 2-Pin DO-4 | unknown unknown contact_manufacturer | ![]() |
![]() onsemi | 1N4001 | ![]() | Standard Rectifier, 50 V, 1.0 A, 1000-BLKBX - Bulk Box | yes end_of_life | ![]() |
![]() New Jersey Semiconducto... | 1N4001 | ![]() | Diode 50V 1A 2-Pin DO-41 | unknown unknown active | ![]() |
![]() Digitron Semiconductors | 1N4001 | ![]() | Rectifier, Standard Recovery; Max Peak Repetitive Reverse Voltage: 1; Max TMS Bridge Input Voltage: 50; Max DC Reverse Voltage: 10; Package: DO-41 | not_compliant unknown active | ![]() |
![]() New Jersey Semiconducto... | 1N4001B | ![]() | Diode 50V 1A 2-Pin DO-41 Box | unknown unknown contact_manufacturer | ![]() |
![]() onsemi | 1N4001G | ![]() | Standard Rectifier, 50 V, 1.0 A, Axial Lead 5.20x2.70mm, 25.4x0.71mm Pkg, Lead len/dia, 1000-BLKBG | yes active | ![]() |
![]() New Jersey Semiconducto... | 1N4001G | ![]() | Diode Switching 50V 1A 2-Pin DO-41 | unknown unknown active | ![]() |
| 1N4001GP | ![]() | Diode 100V 1A 2-Pin DO-41 | unknown unknown active | ![]() | |
![]() onsemi | 1N4001RL | ![]() | Standard Rectifier, 50 V, 1.0 A, Axial Lead 5.20x2.70mm, 25.4x0.71mm Pkg, Lead len/dia, 5000-REEL | yes obsolete | ![]() |
| 1N4001RLG | ![]() | Standard Rectifier, 50 V, 1.0 A, Axial Lead 5.20x2.70mm, 25.4x0.71mm Pkg, Lead len/dia, 5000-REEL | yes active | ![]() | |
| 1N4002 | ![]() | Standard Recovery Rectifier, 100 V, 1.0 A, 1000-BLKBX - Bulk Box | yes end_of_life | ![]() | |
![]() New Jersey Semiconducto... | 1N4002 | ![]() | Diode 100V 1A 2-Pin DO-41 | unknown unknown active | ![]() |
![]() Digitron Semiconductors | 1N4002 | ![]() | Rectifier, Standard Recovery; Max Peak Repetitive Reverse Voltage: 1; Max TMS Bridge Input Voltage: 100; Max DC Reverse Voltage: 10; Package: DO-41 | not_compliant unknown active | ![]() |
![]() New Jersey Semiconducto... | 1N4002C | ![]() | Diode 100V 1A 2-Pin DO-41 Bulk | unknown unknown contact_manufacturer | ![]() |
![]() onsemi | 1N4002G | ![]() | Standard Recovery Rectifier, 100 V, 1.0 A, Axial Lead 5.20x2.70mm, 25.4x0.71mm Pkg, Lead len/dia, 1000-BLKBG | yes active | ![]() |
![]() New Jersey Semiconducto... | 1N4002G | ![]() | Diode 100V 1A 2-Pin DO-41 | unknown unknown active | ![]() |
1 2 3 4 5 6 7 8 |