document.write("
| 1N36-R-AB3-I-R Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "1N36-R-AB3-I-R" Totale : 44 ( 1/3 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() New Jersey Semiconducto... | 1N360 | ![]() | Diode Switching 50V 0.2A 2-Pin DO-35 Tape and Box | no unknown contact_manufacturer | ![]() |
![]() Digitron Semiconductors | 1N3600 | ![]() | Rectifier, Switching; Max Peak Repetitive Reverse Voltage: 0.2; Max TMS Bridge Input Voltage: 50; Max DC Reverse Voltage: 0.1; Package: DO-35 | not_compliant unknown active | ![]() |
![]() New Jersey Semiconducto... | 1N360A | ![]() | Diode Switching 50V 0.2A 2-Pin DO-35 Tape and Box | no unknown contact_manufacturer | ![]() |
| 1N361 | ![]() | Diode Switching 50V 0.2A 2-Pin DO-35 Tape and Box | unknown unknown contact_manufacturer | ![]() | |
| 1N3611 | ![]() | Diode Switching 200V 1A 2-Pin Case G-2 | unknown unknown active | ![]() | |
![]() Digitron Semiconductors | 1N3611 | ![]() | Rectifier, Standard Recovery; Max Peak Repetitive Reverse Voltage: 1; Max TMS Bridge Input Voltage: 200; Max DC Reverse Voltage: 1; Package: DIGI-A | not_compliant unknown active | ![]() |
![]() New Jersey Semiconducto... | 1N3611GP | ![]() | Diode Switching 200V 1A 2-Pin DO-204AL | unknown unknown contact_manufacturer | ![]() |
| 1N3612 | ![]() | Diode Switching 400V 1A 2-Pin Case G-2 | unknown unknown active | ![]() | |
![]() Digitron Semiconductors | 1N3612 | ![]() | Rectifier, Standard Recovery; Max Peak Repetitive Reverse Voltage: 1; Max TMS Bridge Input Voltage: 400; Max DC Reverse Voltage: 1; Package: DIGI-A | not_compliant unknown active | ![]() |
![]() New Jersey Semiconducto... | 1N3613 | ![]() | Diode Switching 600V 1A 2-Pin Case G-2 | unknown unknown active | ![]() |
![]() Digitron Semiconductors | 1N3613 | ![]() | Rectifier, Standard Recovery; Max Peak Repetitive Reverse Voltage: 1; Max TMS Bridge Input Voltage: 600; Max DC Reverse Voltage: 1; Package: DIGI-A | not_compliant unknown active | ![]() |
![]() New Jersey Semiconducto... | 1N3614 | ![]() | Diode Switching 800V 1A 2-Pin Case G-2 | unknown unknown active | ![]() |
![]() Digitron Semiconductors | 1N3614 | ![]() | Rectifier, Standard Recovery; Max Peak Repetitive Reverse Voltage: 1; Max TMS Bridge Input Voltage: 800; Max DC Reverse Voltage: 1; Package: DIGI-A | not_compliant unknown active | ![]() |
![]() New Jersey Semiconducto... | 1N361A | ![]() | Diode 800V 1A 2-Pin Case G-2 | no unknown contact_manufacturer | ![]() |
| 1N362 | ![]() | Diode Switching 50V 0.2A 2-Pin DO-35 Tape and Box | no unknown contact_manufacturer | ![]() | |
| 1N362A | ![]() | Diode 400V 25A 2-Pin DO-4 | no unknown contact_manufacturer | ![]() | |
| 1N363 | ![]() | Diode Switching 50V 0.2A 2-Pin DO-35 Tape and Box | no unknown contact_manufacturer | ![]() | |
| 1N363A | ![]() | Diode Switching 50V 0.2A 2-Pin DO-35 Tape and Box | no unknown contact_manufacturer | ![]() | |
| 1N364 | ![]() | Diode Switching 50V 0.2A 2-Pin DO-35 Tape and Box | no unknown contact_manufacturer | ![]() | |
| 1N3644 | ![]() | Diode Switching 1.5KV 0.25A 2-Pin Case S | unknown unknown active | ![]() |
1 2 3 |