document.write("
| 1N31-R-AB3-I-R Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "1N31-R-AB3-I-R" Totale : 46 ( 1/3 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() New Jersey Semiconducto... | 1N3100 | ![]() | Diode Switching 200V 100A 2-Pin DO-8 | unknown unknown contact_manufacturer | ![]() |
| 1N3103 | ![]() | Diode Switching 200V 100A 2-Pin DO-8 | unknown unknown contact_manufacturer | ![]() | |
| 1N3104 | ![]() | Diode Switching 200V 100A 2-Pin DO-8 | unknown unknown contact_manufacturer | ![]() | |
| 1N3106 | ![]() | Diode Switching 200V 100A 2-Pin DO-8 | unknown unknown contact_manufacturer | ![]() | |
| 1N3110 | ![]() | GOLD BONDED GERMANIUM DIODES | no unknown contact_manufacturer | ![]() | |
| 1N3111 | ![]() | Diode Switching 50V 150A 2-Pin DO-30 | unknown unknown contact_manufacturer | ![]() | |
![]() Digitron Semiconductors | 1N3111 | ![]() | Rectifier, High Power; Max Peak Repetitive Reverse Voltage: 150; Max TMS Bridge Input Voltage: 50; Max DC Reverse Voltage: 50; Package: DO-30 | not_compliant unknown active | ![]() |
| 1N3111R | ![]() | Rectifier, High Power; Max Peak Repetitive Reverse Voltage: 150; Max TMS Bridge Input Voltage: 50; Max DC Reverse Voltage: 50; Package: DO-30R | not_compliant unknown active | ![]() | |
![]() New Jersey Semiconducto... | 1N3154 | ![]() | Diode Zener Single 8.4V 5% 500mW 2-Pin DO-7 | unknown unknown active | ![]() |
| 1N3154A | ![]() | Diode Zener Single 8.4V 5% 500mW 2-Pin DO-7 | unknown unknown active | ![]() | |
![]() Digitron Semiconductors | 1N3154AUR | ![]() | Temperature Compensated Zener Diode; Max Peak Repetitive Reverse Voltage: 8; Max TMS Bridge Input Voltage: 8.4; Max DC Reverse Voltage: 8.8; Capacitance: 0.01; Package: SOD-80 | unknown unknown unknown | ![]() |
| 1N3154UR | ![]() | Temperature Compensated Zener Diode; Max Peak Repetitive Reverse Voltage: 8; Max TMS Bridge Input Voltage: 8.4; Max DC Reverse Voltage: 8.8; Capacitance: 0.01; Package: SOD-80 | unknown unknown unknown | ![]() | |
![]() New Jersey Semiconducto... | 1N3155 | ![]() | Diode Zener Single 8.4V 5% 500mW 2-Pin DO-7 | unknown unknown active | ![]() |
| 1N3155A | ![]() | Diode Zener Single 8.4V 5% 500mW 2-Pin DO-7 | unknown unknown active | ![]() | |
![]() Digitron Semiconductors | 1N3155AUR | ![]() | Temperature Compensated Zener Diode; Max Peak Repetitive Reverse Voltage: 8; Max TMS Bridge Input Voltage: 8.4; Max DC Reverse Voltage: 8.8; Capacitance: 0.005; Package: SOD-80 | unknown unknown unknown | ![]() |
| 1N3155UR | ![]() | Temperature Compensated Zener Diode; Max Peak Repetitive Reverse Voltage: 8; Max TMS Bridge Input Voltage: 8.4; Max DC Reverse Voltage: 8.8; Capacitance: 0.005; Package: SOD-80 | unknown unknown unknown | ![]() | |
![]() New Jersey Semiconducto... | 1N3156 | ![]() | Diode Zener Single 8.4V 5% 500mW 2-Pin DO-7 | unknown unknown active | ![]() |
| 1N3156A | ![]() | Diode Zener Single 8.4V 5% 500mW 2-Pin DO-7 | unknown unknown active | ![]() | |
![]() Digitron Semiconductors | 1N3156AUR | ![]() | Temperature Compensated Zener Diode; Max Peak Repetitive Reverse Voltage: 8; Max TMS Bridge Input Voltage: 8.4; Max DC Reverse Voltage: 8.8; Capacitance: 0.002; Package: SOD-80 | unknown unknown unknown | ![]() |
| 1N3156UR | ![]() | Temperature Compensated Zener Diode; Max Peak Repetitive Reverse Voltage: 8; Max TMS Bridge Input Voltage: 8.4; Max DC Reverse Voltage: 8.8; Capacitance: 0.002; Package: SOD-80 | unknown unknown unknown | ![]() |
1 2 3 |