document.write("
| 1N11L-R-AB3-I-R Fabricant |
| Numéro de pièce trouvée : Résultats correspondant à & commançant par le terme sont "1N11L-R-AB3-I-R" Totale : 98 ( 1/5 Page) |
| Fabricant | No de pièce | Fiches technique Date Size | Description | Rohs Pb Free Lifecycle | Direct Link |
![]() New Jersey Semiconducto... | 1N1183 | ![]() | Diode Switching 50V 40A 2-Pin DO-5 | unknown unknown active | ![]() |
![]() America Semiconductor L... | 1N1183 | ![]() | DEVICE HIGH POWER STANDARD; IF::15A; case_package::DO5 Stud Devices | unknown yes contact_manufacturer | ![]() |
![]() Digitron Semiconductors | 1N1183 | ![]() | Rectifier, Standard Recovery; Max Peak Repetitive Reverse Voltage: 35; Max TMS Bridge Input Voltage: 50; Max DC Reverse Voltage: 10; Package: DO-5 | not_compliant unknown active | ![]() |
![]() New Jersey Semiconducto... | 1N1183/302A | ![]() | Diode Switching 50V 40A 2-Pin DO-5 | unknown unknown contact_manufacturer | ![]() |
| 1N1183A | ![]() | Diode Switching 50V 40A 2-Pin DO-5 | unknown unknown active | ![]() | |
![]() America Semiconductor L... | 1N1183A | ![]() | DEVICE HIGH POWER STANDARD; IF::40A; case_package::DO5 Stud Devices | unknown yes contact_manufacturer | ![]() |
![]() Digitron Semiconductors | 1N1183A | ![]() | Rectifier, Standard Recovery; Max Peak Repetitive Reverse Voltage: 40; Max TMS Bridge Input Voltage: 50; Max DC Reverse Voltage: 10; Package: DO-5 | not_compliant unknown active | ![]() |
![]() America Semiconductor L... | 1N1183AR | ![]() | DEVICE HIGH POWER STANDARD; IF::40A; case_package::DO5 Stud Devices | unknown yes contact_manufacturer | ![]() |
![]() Digitron Semiconductors | 1N1183AR | ![]() | Rectifier, Standard Recovery; Max Peak Repetitive Reverse Voltage: 40; Max TMS Bridge Input Voltage: 50; Max DC Reverse Voltage: 10; Package: DO-5R | not_compliant unknown active | ![]() |
![]() America Semiconductor L... | 1N1183R | ![]() | DEVICE HIGH POWER STANDARD; IF::15A; case_package::DO5 Stud Devices | unknown yes contact_manufacturer | ![]() |
![]() Digitron Semiconductors | 1N1183R | ![]() | Rectifier, Standard Recovery; Max Peak Repetitive Reverse Voltage: 35; Max TMS Bridge Input Voltage: 50; Max DC Reverse Voltage: 10; Package: DO-5R | not_compliant unknown active | ![]() |
![]() New Jersey Semiconducto... | 1N1184 | ![]() | Diode Switching 100V 35A 2-Pin DO-5 | unknown unknown active | ![]() |
![]() America Semiconductor L... | 1N1184 | ![]() | DEVICE HIGH POWER STANDARD; IF::15A; case_package::DO5 Stud Devices | unknown yes contact_manufacturer | ![]() |
![]() Digitron Semiconductors | 1N1184 | ![]() | Rectifier, Standard Recovery; Max Peak Repetitive Reverse Voltage: 35; Max TMS Bridge Input Voltage: 100; Max DC Reverse Voltage: 10; Package: DO-5 | not_compliant unknown active | ![]() |
![]() New Jersey Semiconducto... | 1N1184A | ![]() | Diode Switching 100V 40A 2-Pin DO-5 | unknown unknown active | ![]() |
![]() America Semiconductor L... | 1N1184A | ![]() | DEVICE HIGH POWER STANDARD; IF::40A; case_package::DO5 Stud Devices | unknown yes contact_manufacturer | ![]() |
![]() Digitron Semiconductors | 1N1184A | ![]() | Rectifier, Standard Recovery; Max Peak Repetitive Reverse Voltage: 40; Max TMS Bridge Input Voltage: 100; Max DC Reverse Voltage: 10; Package: DO-5 | not_compliant unknown active | ![]() |
![]() America Semiconductor L... | 1N1184AR | ![]() | DEVICE HIGH POWER STANDARD; IF::40A; case_package::DO5 Stud Devices | unknown yes contact_manufacturer | ![]() |
![]() Digitron Semiconductors | 1N1184AR | ![]() | Rectifier, Standard Recovery; Max Peak Repetitive Reverse Voltage: 40; Max TMS Bridge Input Voltage: 100; Max DC Reverse Voltage: 10; Package: DO-5R | not_compliant unknown active | ![]() |
![]() America Semiconductor L... | 1N1184R | ![]() | DEVICE HIGH POWER STANDARD; IF::15A; case_package::DO5 Stud Devices | unknown yes contact_manufacturer | ![]() |
1 2 3 4 5 |