Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PE70A5005 Fiches technique(PDF) 5 Page - Pasternack Enterprises, Inc.

No de pièce PE70A5005
Description  TECHNICAL DATA SHEET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PASTERNACK [Pasternack Enterprises, Inc.]
Site Internet  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE70A5005 Fiches technique(HTML) 5 Page - Pasternack Enterprises, Inc.

  PE70A5005 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE70A5005 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE70A5005 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE70A5005 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE70A5005 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE70A5005 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
TECHNICAL DATA SHEET
PE70A5005
PE70A5005 REV 1.0
-36
-33
-30
-26
-23
-20
-17
-14
-10
-7
-4
30
360
690
1020
1350
1680
2010
2340
2670
3000
MHz
Attenuation
8 dB
16 dB
32 dB
63.5 dB Programmable TTL Controlled Attenuator, SMA Female to SMA Female, 0.5 dB Steps From 30 MHz to 3 GHz from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99.4% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 63.5 dB Programmable TTL Controlled Attenuator, SMA Female to SMA Female, 0.5 dB Steps
From 30 MHz to 3 GHz PE70A5005
URL: https://www.pasternack.com/63.5db-ttl-controlled-sma-female-sma-female-0-watts-attenuator-pe70a5005-p.aspx
63.5 dB Programmable TTL Controlled Attenuator, SMA Female
to SMA Female, 0.5 dB Steps From 30 MHz to 3 GHz


Numéro de pièce similaire - PE70A5005

FabricantNo de pièceFiches techniqueDescription
logo
Pasternack Enterprises,...
PE70A5000 PASTERNACK-PE70A5000 Datasheet
562Kb / 8P
Step Resolution of 0.25 dB
PE70A5001 PASTERNACK-PE70A5001 Datasheet
449Kb / 7P
Insertion Loss 5 dB Typ
PE70A5002 PASTERNACK-PE70A5002 Datasheet
543Kb / 7P
Step Resolution of 1 dB
PE70A5003 PASTERNACK-PE70A5003 Datasheet
752Kb / 10P
TECHNICAL DATA SHEET
PE70A5004 PASTERNACK-PE70A5004 Datasheet
570Kb / 6P
TECHNICAL DATA SHEET
More results

Description similaire - PE70A5005

FabricantNo de pièceFiches techniqueDescription
logo
Pasternack Enterprises,...
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
TECHNICAL DATA SHEET
PE15A3295 PASTERNACK-PE15A3295 Datasheet
447Kb / 6P
TECHNICAL DATA SHEET
PE15A3595 PASTERNACK-PE15A3595_17 Datasheet
450Kb / 6P
TECHNICAL DATA SHEET
PE15A3900 PASTERNACK-PE15A3900_17 Datasheet
421Kb / 6P
TECHNICAL DATA SHEET
PE15A4029 PASTERNACK-PE15A4029 Datasheet
490Kb / 7P
TECHNICAL DATA SHEET
PE15A4040 PASTERNACK-PE15A4040 Datasheet
442Kb / 6P
TECHNICAL DATA SHEET
PE15A8007 PASTERNACK-PE15A8007 Datasheet
435Kb / 5P
TECHNICAL DATA SHEET
PE-020SR PASTERNACK-PE-020SR Datasheet
305Kb / 3P
TECHNICAL DATA SHEET
PE70A5011 PASTERNACK-PE70A5011 Datasheet
561Kb / 6P
TECHNICAL DATA SHEET
PE70A5012 PASTERNACK-PE70A5012 Datasheet
557Kb / 6P
TECHNICAL DATA SHEET
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com