Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PE70A5005 Fiches technique(PDF) 3 Page - Pasternack Enterprises, Inc.

No de pièce PE70A5005
Description  TECHNICAL DATA SHEET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PASTERNACK [Pasternack Enterprises, Inc.]
Site Internet  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE70A5005 Fiches technique(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE70A5005 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE70A5005 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE70A5005 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE70A5005 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE70A5005 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE70A5005 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
TECHNICAL DATA SHEET
Performance Data
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
30
360
690
1020
1350
1680
2010
2340
2670
3000
MHz
VSWR
0 dB
0.5 dB
1 dB
2 dB
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
30
360
690
1020
1350
1680
2010
2340
2670
3000
MHz
VSWR
4 dB
8 dB
16 dB
32 dB
PE70A5005
PE70A5005 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 63.5 dB Programmable TTL Controlled Attenuator, SMA Female to SMA Female, 0.5 dB Steps
From 30 MHz to 3 GHz PE70A5005
63.5 dB Programmable TTL Controlled Attenuator, SMA Female
to SMA Female, 0.5 dB Steps From 30 MHz to 3 GHz


Numéro de pièce similaire - PE70A5005

FabricantNo de pièceFiches techniqueDescription
logo
Pasternack Enterprises,...
PE70A5000 PASTERNACK-PE70A5000 Datasheet
562Kb / 8P
Step Resolution of 0.25 dB
PE70A5001 PASTERNACK-PE70A5001 Datasheet
449Kb / 7P
Insertion Loss 5 dB Typ
PE70A5002 PASTERNACK-PE70A5002 Datasheet
543Kb / 7P
Step Resolution of 1 dB
PE70A5003 PASTERNACK-PE70A5003 Datasheet
752Kb / 10P
TECHNICAL DATA SHEET
PE70A5004 PASTERNACK-PE70A5004 Datasheet
570Kb / 6P
TECHNICAL DATA SHEET
More results

Description similaire - PE70A5005

FabricantNo de pièceFiches techniqueDescription
logo
Pasternack Enterprises,...
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
TECHNICAL DATA SHEET
PE15A3295 PASTERNACK-PE15A3295 Datasheet
447Kb / 6P
TECHNICAL DATA SHEET
PE15A3595 PASTERNACK-PE15A3595_17 Datasheet
450Kb / 6P
TECHNICAL DATA SHEET
PE15A3900 PASTERNACK-PE15A3900_17 Datasheet
421Kb / 6P
TECHNICAL DATA SHEET
PE15A4029 PASTERNACK-PE15A4029 Datasheet
490Kb / 7P
TECHNICAL DATA SHEET
PE15A4040 PASTERNACK-PE15A4040 Datasheet
442Kb / 6P
TECHNICAL DATA SHEET
PE15A8007 PASTERNACK-PE15A8007 Datasheet
435Kb / 5P
TECHNICAL DATA SHEET
PE-020SR PASTERNACK-PE-020SR Datasheet
305Kb / 3P
TECHNICAL DATA SHEET
PE70A5011 PASTERNACK-PE70A5011 Datasheet
561Kb / 6P
TECHNICAL DATA SHEET
PE70A5012 PASTERNACK-PE70A5012 Datasheet
557Kb / 6P
TECHNICAL DATA SHEET
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com