Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PE15A3595 Fiches technique(PDF) 1 Page - Pasternack Enterprises, Inc.

No de pièce PE15A3595
Description  TECHNICAL DATA SHEET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PASTERNACK [Pasternack Enterprises, Inc.]
Site Internet  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A3595 Fiches technique(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE15A3595_17 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A3595_17 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A3595_17 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A3595_17 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A3595_17 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A3595_17 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
TECHNICAL DATA SHEET
The PE15A3595 is a Portable Amplifier that operates over the 1.0 to 40.0 GHz Frequency Range. The amplifier has a typical
gain of 40 dB and a P1dB of +22 dBm minimum. The amplifier has an On/Off switch that is located on the Front Panel. Input/
Output Connectors are 2.92mm. The amplifier comes with a fuse and a 6 foot power cord. The amplifier can operate on either
120VAC or via an external 12VDC Battery Pack or Supply.
Features
1.0 to 40.0 GHz Frequency Range
Gain of 40 dB typ
On/Off Switch on Front Panel
Gain Flatness of ±3.0 dB max
P1dB of +22 dBm
Input/Output Connectors 2.92mm Female
AC or DC Supply operation
Applications
Test and Measurement
General Purpose Broadband High
Gain Amplifier
Lab Test Amplifier
Portable Broadband Amplifier
Electrical Specifications (TA = +25°C, DC Voltage = 12Volts)
Description
Minimum
Typical
Maximum
Units
Frequency Range
1
40
GHz
Gain
40
dB
Gain Flatness
±2.5
dB
Output at 1 dB Compression Point
+22
dBm
Output at 1 dB Compression Point at 1 to 18 GHz
+22
dBm
Output at 1 dB Compression Point at 18 to 40 GHz
+18
dBm
Input Power
+15
dBm
Noise Figure
5
dB
(Mid-Band)
.
Input VSWR
2.5:1
Output VSWR
2.5:1
Operating DC Voltage 1
12
Volts
(External)
.
(External)
Operating AC Voltage
120, 60 Hz
VAC
.
Operating Temperature Range (OTR)
-40
+85
°C
. .
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 40 dB Gain, 22 dBm P1dB, 1 GHz to 40 GHz, Broadband High Gain Amplifier, Bench-Top,
5 dB NF, 2.92mm PE15A3595
PE15A3595
PE15A3595 REV 1.0
40 dB Gain, 22 dBm P1dB, 1 GHz to 40 GHz, Broadband
High Gain Amplifier, Bench-Top, 5 dB NF, 2.92mm


Numéro de pièce similaire - PE15A3595_17

FabricantNo de pièceFiches techniqueDescription
logo
Pasternack Enterprises,...
PE15A3595 PASTERNACK-PE15A3595 Datasheet
487Kb / 6P
Gain of 40 dB typ
More results

Description similaire - PE15A3595_17

FabricantNo de pièceFiches techniqueDescription
logo
Pasternack Enterprises,...
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
TECHNICAL DATA SHEET
PE15A3295 PASTERNACK-PE15A3295 Datasheet
447Kb / 6P
TECHNICAL DATA SHEET
PE15A3900 PASTERNACK-PE15A3900_17 Datasheet
421Kb / 6P
TECHNICAL DATA SHEET
PE15A4029 PASTERNACK-PE15A4029 Datasheet
490Kb / 7P
TECHNICAL DATA SHEET
PE15A4040 PASTERNACK-PE15A4040 Datasheet
442Kb / 6P
TECHNICAL DATA SHEET
PE15A8007 PASTERNACK-PE15A8007 Datasheet
435Kb / 5P
TECHNICAL DATA SHEET
PE-020SR PASTERNACK-PE-020SR Datasheet
305Kb / 3P
TECHNICAL DATA SHEET
PE70A5005 PASTERNACK-PE70A5005 Datasheet
560Kb / 6P
TECHNICAL DATA SHEET
PE70A5011 PASTERNACK-PE70A5011 Datasheet
561Kb / 6P
TECHNICAL DATA SHEET
PE70A5012 PASTERNACK-PE70A5012 Datasheet
557Kb / 6P
TECHNICAL DATA SHEET
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com