Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PE15A3595 Fiches technique(PDF) 2 Page - Pasternack Enterprises, Inc.

No de pièce PE15A3595
Description  TECHNICAL DATA SHEET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PASTERNACK [Pasternack Enterprises, Inc.]
Site Internet  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A3595 Fiches technique(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE15A3595_17 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A3595_17 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A3595_17 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A3595_17 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A3595_17 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A3595_17 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
TECHNICAL DATA SHEET
Mechanical Specifications
Size
Length
4.92 in [124.97 mm]
Width
4.92 in [124.97 mm]
Height
2.1 in [53.34 mm]
.
Weight
0.17 lbs [77.11 g]
Input Connector
2.92mm Female
Output Connector
2.92mm Female
Environmental Specifications
Temperature
Operating Range
-40 to +85 deg C
Storage Range
-40 to +100 deg C
.
Humidity
MIL-STD-202F, Method 103B COND. B
Shock
MIL-STD-202F, Method 213B COND. B
Vibration
MIL-STD-202F, Method 204D COND. B
Altitude
MIL-STD-202F, Method 105C COND. B
Temperature Cycling
MIL-STD-202F, Method 107D COND. A
Compliance Certifications (visit www.Pasternack.com for current document)
Not RoHS Compliant
REACH Compliant
12/17/2014
Plotted and Other Data
Notes:
Values at +25 °C, sea level
ESD Sensitive Material, Transport material in Approved ESD bags. Handle only in approved ESD Workstation.
PE15A3595
PE15A3595 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 40 dB Gain, 22 dBm P1dB, 1 GHz to 40 GHz, Broadband High Gain Amplifier, Bench-Top,
5 dB NF, 2.92mm PE15A3595
40 dB Gain, 22 dBm P1dB, 1 GHz to 40 GHz, Broadband
High Gain Amplifier, Bench-Top, 5 dB NF, 2.92mm


Numéro de pièce similaire - PE15A3595_17

FabricantNo de pièceFiches techniqueDescription
logo
Pasternack Enterprises,...
PE15A3595 PASTERNACK-PE15A3595 Datasheet
487Kb / 6P
Gain of 40 dB typ
More results

Description similaire - PE15A3595_17

FabricantNo de pièceFiches techniqueDescription
logo
Pasternack Enterprises,...
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
TECHNICAL DATA SHEET
PE15A3295 PASTERNACK-PE15A3295 Datasheet
447Kb / 6P
TECHNICAL DATA SHEET
PE15A3900 PASTERNACK-PE15A3900_17 Datasheet
421Kb / 6P
TECHNICAL DATA SHEET
PE15A4029 PASTERNACK-PE15A4029 Datasheet
490Kb / 7P
TECHNICAL DATA SHEET
PE15A4040 PASTERNACK-PE15A4040 Datasheet
442Kb / 6P
TECHNICAL DATA SHEET
PE15A8007 PASTERNACK-PE15A8007 Datasheet
435Kb / 5P
TECHNICAL DATA SHEET
PE-020SR PASTERNACK-PE-020SR Datasheet
305Kb / 3P
TECHNICAL DATA SHEET
PE70A5005 PASTERNACK-PE70A5005 Datasheet
560Kb / 6P
TECHNICAL DATA SHEET
PE70A5011 PASTERNACK-PE70A5011 Datasheet
561Kb / 6P
TECHNICAL DATA SHEET
PE70A5012 PASTERNACK-PE70A5012 Datasheet
557Kb / 6P
TECHNICAL DATA SHEET
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com