| Moteur de recherche de fiches techniques de composants électroniques |
|
MPXM2202AS Fiches technique(PDF) 615 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPXM2202AS Fiches technique(HTML) 615 Page - Motorola, Inc |
|
615 / 670 page ![]() MC14600 4–23 Motorola Sensor Device Data www.motorola.com/semiconductors Figure 3. MC14600 Timing Diagram OSC PIN 12 ALARM – N – Y LOW BATT COMP (PIN 4) DETECT OUT (PIN 1) LED – OFF – ON 23 4 5 6 7 9 8 NO ALARM, LOW BATTERY 1 NO ALARM NO LOW BAT LOW BATTERY CHIRP & OSC PIN 12 ALARM – N – Y NO ALARM 23 24 1 6 12 18 24 ALARM LATCH ALARM CONDITION HORN – ON – OFF LED – OFF – ON (NOTE 1) 24 CLOCKS 24 CLOCKS HORN (PINS 10 AND 11) LOW BATT COMP DETECT OUT (PIN 1) NOTES: 1. Horn modulation is self–completing. When going from Alarm to No Alarm, the alarm condition will terminate only when horn is off. 2. Comparators are strobed once per cycle. 3. Low battery comparator information is latched only during LED pulse. 4. Current source required into Pin 1. 5. Alarm Condition can initiate on any clock pulse except 1 and 7. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |