Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPXM2202AS Fiches technique(PDF) 582 Page - Motorola, Inc

No de pièce MPXM2202AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2202AS Fiches technique(HTML) 582 Page - Motorola, Inc

Back Button MPXM2202AS Datasheet HTML 578Page - Motorola, Inc MPXM2202AS Datasheet HTML 579Page - Motorola, Inc MPXM2202AS Datasheet HTML 580Page - Motorola, Inc MPXM2202AS Datasheet HTML 581Page - Motorola, Inc MPXM2202AS Datasheet HTML 582Page - Motorola, Inc MPXM2202AS Datasheet HTML 583Page - Motorola, Inc MPXM2202AS Datasheet HTML 584Page - Motorola, Inc MPXM2202AS Datasheet HTML 585Page - Motorola, Inc MPXM2202AS Datasheet HTML 586Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 582 / 670 page
background image
3–436
Motorola Sensor Device Data
www.motorola.com/semiconductors
PACKAGE OUTLINE DIMENSIONS (continued)
CASE 1351–01
ISSUE O
D
E
e/2
N
e
A
M
0.004 (0.1)
B
C
A
E1
A
B
C
0.004 (0.1)
A
0.006 (0.15)
B
C
8X
b
2 PLACES 4 TIPS
DETAIL G
SEATING
PLANE
8X
P
1
4
8
5
NOTES:
1. CONTROLLING DIMENSION: INCH.
2. INTERPRET DIMENSIONS AND TOLERANCES PER
ASME Y14.5M–1994.
3. DIMENSIONS ”D” AND ”E1” DO NOT INCLUDE
MOLD FLASH OR PROTRUSIONS. MOLD FLASH OR
PROTRUSIONS SHALL NOT EXCEED 0.006 (0.152)
PER SIDE.
4. DIMENSION ”b” DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.008 (0.203) MAXIMUM.
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
0.370
0.390
9.39
9.91
INCHES
A1
0.002
0.010
0.05
0.25
b
0.038
0.042
0.96
1.07
D
0.465
0.485
11.81
12.32
E
0.680
0.700
17.27
17.78
E1
0.465
0.485
11.81
12.32
e
M
0.270
0.290
6.86
7.37
N
0.160
0.180
4.06
4.57
P
0.009
0.011
0.23
0.28
T
0.110
0.130
2.79
3.30
0.100 BSC
2.54 BSC
F
0.240
0.260
6.10
6.60
K
0.115
0.135
2.92
3.43
L
0.040
0.060
1.02
1.52
F
K
M
T
∅
GAGE
DETAIL G
L
A1
θ
.014 (0.35)
PLANE
0
7
0
7
°°
°°
θ
STYLE 1:
PIN 1. GND
2. +Vout
3. Vs
4. –Vout
5. N/C
6. N/C
7. N/C
8. N/C
STYLE 2:
PIN 1. N/C
2. Vs
3. GND
4. Vout
5. N/C
6. N/C
7. N/C
8. N/C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More