| Moteur de recherche de fiches techniques de composants électroniques |
|
MPXM2202AS Fiches technique(PDF) 574 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPXM2202AS Fiches technique(HTML) 574 Page - Motorola, Inc |
|
574 / 670 page ![]() 3–428 Motorola Sensor Device Data www.motorola.com/semiconductors PACKAGE OUTLINE DIMENSIONS (continued) CASE 482B–03 ISSUE B DIM MIN MAX MIN MAX MILLIMETERS INCHES A 10.54 0.425 0.415 10.79 B 10.54 0.425 0.415 10.79 C 5.33 0.220 0.210 5.59 D 0.66 0.034 0.026 0.864 G 0.100 BSC 2.54 BSC J 0.009 0.011 0.23 0.28 K 0.100 0.120 2.54 3.05 M 0 15 0 15 N 0.405 0.415 10.29 10.54 S 0.540 0.560 13.72 14.22 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006). 5. ALL VERTICAL SURFACES 5 _ TYPICAL DRAFT. 6. DIMENSION S TO CENTER OF LEAD WHEN FORMED PARALLEL. __ _ _ PIN 1 IDENTIFIER K SEATING PLANE –T– S G 4 5 8 1 –A– –B– C M J N D 8 PL S B M 0.25 (0.010) A S T DETAIL X DETAIL X CASE 482C–03 ISSUE B DIM MIN MAX MIN MAX MILLIMETERS INCHES A 10.54 0.425 0.415 10.79 B 10.54 0.425 0.415 10.79 C 12.70 0.520 0.500 13.21 D 0.66 0.034 0.026 0.864 G 0.100 BSC 2.54 BSC J 0.009 0.011 0.23 0.28 K 0.100 0.120 2.54 3.05 M 0 15 0 15 N 0.444 0.448 11.28 11.38 S 0.540 0.560 13.72 14.22 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006). 5. ALL VERTICAL SURFACES 5 _ TYPICAL DRAFT. 6. DIMENSION S TO CENTER OF LEAD WHEN FORMED PARALLEL. __ __ PIN 1 K SEATING PLANE –T– S G 4 5 8 1 –A– –B– C N V W M J V 0.245 0.255 6.22 6.48 W 0.115 0.125 2.92 3.17 IDENTIFIER D 8 PL S B M 0.25 (0.010) A S T DETAIL X DETAIL X Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |