Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPX2202DP Fiches technique(PDF) 446 Page - Motorola, Inc

No de pièce MPX2202DP
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX2202DP Fiches technique(HTML) 446 Page - Motorola, Inc

Back Button MPX2202DP Datasheet HTML 442Page - Motorola, Inc MPX2202DP Datasheet HTML 443Page - Motorola, Inc MPX2202DP Datasheet HTML 444Page - Motorola, Inc MPX2202DP Datasheet HTML 445Page - Motorola, Inc MPX2202DP Datasheet HTML 446Page - Motorola, Inc MPX2202DP Datasheet HTML 447Page - Motorola, Inc MPX2202DP Datasheet HTML 448Page - Motorola, Inc MPX2202DP Datasheet HTML 449Page - Motorola, Inc MPX2202DP Datasheet HTML 450Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 446 / 670 page
background image
AN1513
3–300
Motorola Sensor Device Data
www.motorola.com/semiconductors
Crimp–on Clamp
Nylon Snap
Spring Wire
Screw–on
Figure 4. Hose Clamps
The two clamps most recommended by Motorola are the
crimp–on clamp and the screw–on, Clippard reusable clamp.
The crimp–on type clamp is offered from both Ryan Herco
(#0929–007) and Clippard (#5000–2). Once crimped in place,
it provides a very secure hold, but it is not easily removed and
is not reusable. The Clippard, reusable hose clamp is a brass,
self–threading clamp, which provides an equally strong grip as
the crimp–on type just described. The drawback is the
reusable clamp is considerably more expensive. The nylon
snap is also reusable, however the size options do not match
the necessary outside diameter. The spring wire clamp,
common in the automotive industry, and known for its very low
cost and ease of use, also has a size matching problem.
Custom fit spring wire clamps may provide some cost savings
in particular applications.
Hoses
Norton–Performance Plastics
Worldwide Headquarters
150 Dey Road, Wayne, NJ 07470–4599 USA
(201) 596–4700
Telex: 710–988–5834
USA
P.O. Box 3660, Akron, OH 44309–3660
USA
(216) 798–9240
FAX: (216) 798–0358
Clippard Instrument Laboratory, Inc.
7390 Colerain Rd.
Cincinnati, Ohio 45239, USA
(513) 521–4261
FAX: (513) 521–4464
Ryan Herco Products Corporation
P.O. Box 588
Burbank, CA 91503
1–800–423–2589
FAX: (818) 842–4488
Spring Wire Clamps
RotorClip, Inc.
187 Davidson Avenue
Somerset, NJ 08875–0461
1–800–631–5857 Ext. 255
Rivets and Push–Pins
ITW FasTex
195 Algonquin Road
Des Plaines, IL 60016
(708) 299–2222
FAX: (708) 390–8727
Bolts
Quality Screw and Nut Company
1331 Jarvis Avenue
Elk Grove Village, IL 60007
(312) 593–1600
Crimp–on and Nylon Clamps
Ryan Herco Products Corporation
P.O. Box 588
Burbank, CA 91503
1–800–423–2589
FAX: (818) 842–4488
Crimp–on and Screw–on Clamps
Clippard Instrument Laboratory, Inc.
7390 Colerain Rd.
Cincinnati, Ohio 45239, USA
(513) 521–4261
FAX: (513) 521–4464
SUPPLIER LIST
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More