| Moteur de recherche de fiches techniques de composants électroniques |
|
MPXM2102AS Fiches technique(PDF) 593 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPXM2102AS Fiches technique(HTML) 593 Page - Motorola, Inc |
|
593 / 670 page ![]() 4–1 Motorola Sensor Device Data www.motorola.com/semiconductors Safety and Alarm Integrated Circuits Section Four Motorola’s Safety and Alarm Integrated Circuits (IC’s) are low power, CMOS devices designed to meet a wide range of smoke detector applications at very competitive prices. Moto- rola has been producing both photoelectric and ionization safety and alarm IC’s for more than 20 years. Found in con- sumer and commercial applications worldwide, these inte- grated circuits can be operated using a battery or AC power. In addition, these devices are designed to be used in stand alone units or as an interconnected system of up to 40 units. All of Motorola’s safety and alarm IC’s have component recog- nition from Underwriter’s Laboratories and the newest devices meet the NFPA’s new temporal – new tone horn pattern. Mini Selector Guide 4–2 . . . . . . . . . . . . . . . . . . . . . . . . . Data Sheets MC14467–1 4– 3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . MC14468 4– 9 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . MC14578 4– 15 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . MC14600 4–19 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . MC145010 4– 24 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . MC145011 4– 34 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . MC145012 4– 44 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . MC145017 4–54 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . MC145018 4– 60 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Application Notes AN1690 4– 66 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . AN4009 4–70 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Case Outlines 4–72 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |