| Moteur de recherche de fiches techniques de composants électroniques |
|
MPXM2102AS Fiches technique(PDF) 583 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPXM2102AS Fiches technique(HTML) 583 Page - Motorola, Inc |
|
583 / 670 page ![]() 3–437 Motorola Sensor Device Data www.motorola.com/semiconductors PACKAGE OUTLINE DIMENSIONS (continued) CASE 1368–01 ISSUE O D E e/2 N e A M 0.004 (0.1) B C A E1 A B C 0.004 (0.1) A 0.006 (0.15) B C 8X b 2 PLACES 4 TIPS DETAIL G SEATING PLANE 8X P 1 4 8 5 NOTES: 1. CONTROLLING DIMENSION: INCH. 2. INTERPRET DIMENSIONS AND TOLERANCES PER ASME Y14.5M–1994. 3. DIMENSIONS ”D” AND ”E1” DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.006 (0.152) PER SIDE. 4. DIMENSION ”b” DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.008 (0.203) MAXIMUM. DIM A MIN MAX MIN MAX MILLIMETERS 0.280 0.300 7.11 7.62 INCHES A1 0.002 0.010 0.05 0.25 b 0.038 0.042 0.96 1.07 D 0.465 0.485 11.81 12.32 E E1 0.465 0.485 11.81 12.32 e M 0.035 0.055 1.90 2.41 N 0.075 0.095 0.89 1.39 P 0.009 0.011 0.23 0.28 R 0.405 0.415 10.28 10.54 0.100 BSC 2.54 BSC F 0.240 0.260 6.10 6.60 K 0.115 0.135 2.92 3.43 L 0.040 0.060 1.02 1.52 F K M R ∅ GAGE DETAIL G L A1 θ .014 (0.35) PLANE 0 7 0 7 °° °° θ STYLE 1: PIN 1. GND 2. +Vout 3. Vs 4. –Vout 5. N/C 6. N/C 7. N/C 8. N/C STYLE 2: PIN 1. N/C 2. Vs 3. GND 4. Vout 5. N/C 6. N/C 7. N/C 8. N/C T ∅ T 0.110 0.130 2.79 3.30 0.690 BSC 17.52 BSC Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |