| Moteur de recherche de fiches techniques de composants électroniques |
|
MPXM2102AS Fiches technique(PDF) 402 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPXM2102AS Fiches technique(HTML) 402 Page - Motorola, Inc |
|
402 / 670 page ![]() AN1315 3–256 Motorola Sensor Device Data www.motorola.com/semiconductors 099A BB 56 ADD $56 099C B7 58 STA $58 099E B6 57 LDA $57 09A0 B9 55 ADC $55 09A2 B7 57 STA $57 09A4 B7 55 STA $55 09A6 B6 58 LDA $58 09A8 B7 56 STA $56 } 09AA 3C 5B INC $5B 09AC 20 D7 BRA $0985 09AE B6 56 LDA $56 atodtemp = atodtemp/100; 09B0 B7 58 STA $58 09B2 B6 55 LDA $55 09B4 B7 57 STA $57 09B6 3F 9A CLR $9A 09B8 A6 64 LDA #$64 09BA B7 9B STA $9B 09BC CD 0B F1 JSR $0BF1 09BF CD 0C 22 JSR $0C22 09C2 BF 55 STX $55 09C4 B7 56 STA $56 09C6 81 RTS return atodtemp; } /***************************************************************************/ void fixcompare (void) /* sets–up the timer compare for the next interrupt */ { 09C7 B6 18 LDA $18 q.b.hi =tcnthi; 09C9 B7 66 STA $66 09CB B6 19 LDA $19 q.b.lo = tcntlo; 09CD B7 67 STA $67 09CF AB 4C ADD #$4C q.l +=7500; /* ((4mhz xtal/2)/4) = counter period = 2us.*7500 = 15ms. */ 09D1 B7 67 STA $67 09D3 B6 66 LDA $66 09D5 A9 1D ADC #$1D 09D7 B7 66 STA $66 09D9 B7 16 STA $16 ocmphi1 = q.b.hi; 09DB B6 13 LDA $13 areg=tsr; /* dummy read */ 09DD B6 67 LDA $67 ocmplo1 = q.b.lo; 09DF B7 17 STA $17 09E1 81 RTS } /***************************************************************************/ void TIMERCMP (void) /* timer service module */ 1FF6 09 E2 { 09E2 33 02 COM $02 portc =~ portc; /* service the lcd by inverting the ports */ 09E4 33 01 COM $01 portb =~ portb; 09E6 33 00 COM $00 porta =~ porta; 09E8 AD DD BSR $09C7 fixcompare(); 09EA 80 RTI } /***************************************************************************/ void adzero(void) /* called by initio() to save initial xdcr’s zero pressure offset voltage output */ { 09EB 3F 64 CLR $64 for ( j=0; j<20; ++j) /* give the sensor time to ”warm–up” and the 09ED 3F 63 CLR $63 09EF B6 64 LDA $64 09F1 A0 14 SUB #$14 09F3 B6 63 LDA $63 09F5 A2 00 SBC #$00 09F7 24 0B BCC $0A04 power supply time to settle down */ { 09F9 CD 09 68 JSR $0968 delay(); } 09FC 3C 64 INC $64 09FE 26 02 BNE $0A02 0A00 3C 63 INC $63 0A02 20 EB BRA $09EF 0A04 CD 09 7F JSR $097F xdcr_offset = read_a2d(); Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |