Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPXM2053GS Fiches technique(PDF) 381 Page - Motorola, Inc

No de pièce MPXM2053GS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2053GS Fiches technique(HTML) 381 Page - Motorola, Inc

Back Button MPXM2053GS Datasheet HTML 377Page - Motorola, Inc MPXM2053GS Datasheet HTML 378Page - Motorola, Inc MPXM2053GS Datasheet HTML 379Page - Motorola, Inc MPXM2053GS Datasheet HTML 380Page - Motorola, Inc MPXM2053GS Datasheet HTML 381Page - Motorola, Inc MPXM2053GS Datasheet HTML 382Page - Motorola, Inc MPXM2053GS Datasheet HTML 383Page - Motorola, Inc MPXM2053GS Datasheet HTML 384Page - Motorola, Inc MPXM2053GS Datasheet HTML 385Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 670 page
background image
3–235
Motorola Sensor Device Data
www.motorola.com/semiconductors
AN1309
Compensated Sensor Bar Graph
Pressure Gauge
Prepared by: Warren Schultz
Discrete Applications Engineering
INTRODUCTION
Compensated semiconductor pressure sensors such as
the MPX2000 family are relatively easy to interface with digital
systems. With these sensors and the circuitry described
herein, pressure is translated into a 0.5 to 4.5 volt output range
that is directly compatible with Microcomputer A/D inputs. The
0.5 to 4.5 volt range also facilitates interface with an LM3914,
making Bar Graph Pressure Gauges relatively simple.
Figure 1. DEVB147 Compensated Pressure Sensor Evaluation Board
(Board No Longer Available)
MOTOROLA
SEMICONDUCTOR APPLICATION NOTE
REV 1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More