| Moteur de recherche de fiches techniques de composants électroniques |
|
MPXM2010GS Fiches technique(PDF) 594 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPXM2010GS Fiches technique(HTML) 594 Page - Motorola, Inc |
|
594 / 670 page ![]() 4–2 Motorola Sensor Device Data www.motorola.com/semiconductors Mini Selector Guide SAFETY AND ALARM INTEGRATED CIRCUITS Smoke Ion Product Operating Voltage (V) Horn Tone Interconnectable Primary Power Source Ordering Suffix Note MC14467 6 to 12 Continuous – Old Tone – 4/6 No DC P1 MC14468 6 to 12 Continuous – Old Tone – 4/6 Yes AC/DC P MC145017 6 to 12 Temporal – New Tone – NFPA Tone No DC P MC145018 6 to 12 Temporal – New Tone – NFPA Tone Yes AC/DC P Smoke Photo Product Operating Voltage (V) Horn Tone Interconnectable Primary Power Source Ordering Suffix Note MC145010 6 to 12 Continuous – Old Tone – 4/6 Yes AC/DC P, DW, DWR2 MC145011 6 to 12 Continuous – Old Tone – 4/6 Yes AC P, DW, DWR2 MC145012 6 to 12 Temporal – New Tone – NFPA Tone Yes AC/DC P, DW, DWR2 Comparator Product Operating Voltage (V) Description Horn Modulation Primary Power Source Ordering Suffix Note MC14578 3.5 to 14 Micro–Power Comparator Plus Voltage Follower No Horn Driver AC/DC P General Alarm Product Operating Voltage (V) Description Horn Tone(ms) Primary Power Source Ordering Suffix Note MC14600 6.0 to 12 Alarm Detection, Horn Driver, Low Battery Detection, LED Driver Continuous – Old Tone – 4/6 AC/DC P, DW, DWR2 Note: P or P1 = 16–pin DIP, DW = SOIC 16–pin, DWR2 = SOIC 16–pin tape & reel Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |