| Moteur de recherche de fiches techniques de composants électroniques |
|
MPXM2010GS Fiches technique(PDF) 577 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPXM2010GS Fiches technique(HTML) 577 Page - Motorola, Inc |
|
577 / 670 page ![]() 3–431 Motorola Sensor Device Data www.motorola.com/semiconductors PACKAGE OUTLINE DIMENSIONS (continued) PRESSURE SIDE PORTED (ASX, GSX) CASE 867F–03 ISSUE D STYLE 1: PIN 1. VOUT 2. GROUND 3. VCC 4. V1 5. V2 6. VEX NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. C E V J PORT #1 POSITIVE PRESSURE –T– –P– M Q M 0.25 (0.010) T D F G 6 PL K S PIN 1 U A R B –Q– N S P M 0.13 (0.005) Q S T 65 4 3 2 1 DIM MIN MAX MIN MAX MILLIMETERS INCHES A 1.080 1.120 27.43 28.45 B 0.740 0.760 18.80 19.30 C 0.630 0.650 16.00 16.51 D 0.027 0.033 0.68 0.84 E 0.160 0.180 4.06 4.57 F 0.048 0.064 1.22 1.63 G 0.100 BSC 2.54 BSC J 0.014 0.016 0.36 0.41 K N 0.070 0.080 1.78 2.03 P 0.150 0.160 3.81 4.06 Q 0.150 0.160 3.81 4.06 R 0.440 0.460 11.18 11.68 S 0.695 0.725 17.65 18.42 U 0.840 0.860 21.34 21.84 V 0.182 0.194 4.62 4.93 0.220 0.240 5.59 6.10 (P1) Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |