| Moteur de recherche de fiches techniques de composants électroniques |
|
MPXM2010GS Fiches technique(PDF) 383 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPXM2010GS Fiches technique(HTML) 383 Page - Motorola, Inc |
|
383 / 670 page ![]() AN1309 3–237 Motorola Sensor Device Data www.motorola.com/semiconductors + – R5 1 k R1 1 k – + – + – + R3 1.2 k R2 2.7 k R12 470 R14 470 R4 1 k R9 1 k R10 820 R13 1 k R11 200 B+ S1 ON/OFF MC78L05ACP U1 3 2 1 I G O C2 0.1 µF C1 1 µF GND ANALOG OUT ZERO CAL. 10 9 U3C MC33274 8 11 MC33274 MC33274 MC33274 U3B U3A 12 13 6 5 2 3 4 7 14 1 U3D R7 75 R8 75 32 1 4 XDCR1 MPX2100DP FULL SCALE CAL. LM3914N U2 D1 D9 D10 D2 D3 D4 D5 D6 D7 D8 D1-D10 MV57164 BAR GRAPH TP1 (FULL SCALE VOLTAGE) GND TP2 +5 VOLTS D11 MV57124A POWER ON INDICATOR LED GND B+ RLO SIG RHI REF ADJ MOD LED 1 2 3 4 5 6 7 8 910 11 12 13 14 15 16 17 18 Figure 2. Compensated Pressure Sensor EVB Schematic R6 7.5 k LED LED LED LED LED LED LED LED – + + – – + – + B+ C1 0.1 µF C2 1 µF GND U1 3 2 1 32 41 5 6 4 7 MC33274 I G O MC78L05ACP U2B R4 1 k R5 1 k 13 12 R3 100 k U2D U2A 3 2 OUTPUT 1 R2 1 k R1 1 k MC33274 MC33274 14 U2C MC33274 8 10 9 R6 1 k R7 1 k VOFFSET Figure 3. Compensated Sensor Interface NOTE: For zero pressure voltage independent of sensor common mode R6/R7 = R2/R1 XDCR MPX2100 11 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |