| Moteur de recherche de fiches techniques de composants électroniques |
|
MPXM2010GS Fiches technique(PDF) 378 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPXM2010GS Fiches technique(HTML) 378 Page - Motorola, Inc |
|
378 / 670 page ![]() AN1305 3–232 Motorola Sensor Device Data www.motorola.com/semiconductors 09E1 A1 40 CMP #$40 09E3 26 06 BNE $09EB 09E5 3F 59 CLR $59 slope = 63; 09E7 A6 3F LDA #$3F 09E9 B7 5A STA $5A /* else both jumpers are removed or installed... don’t change the slope */ 09EB CD 08 37 JSR $0837 atodtemp = read_a2d(); /* atodtemp = raw a/d ( 0..255 ) */ 09EE 3F 55 CLR $55 09F0 B7 56 STA $56 09F2 B0 5D SUB $5D if ( atodtemp <= xdcr_offset ) 09F4 B7 58 STA $58 09F6 B6 5C LDA $5C 09F8 A8 80 EOR #$80 09FA B7 57 STA $57 09FC B6 55 LDA $55 09FE A8 80 EOR #$80 0A00 B2 57 SBC $57 0A02 BA 58 ORA $58 0A04 22 08 BHI $0A0E 0A06 B6 5C LDA $5C atodtemp = xdcr_offset; 0A08 B7 55 STA $55 0A0A B6 5D LDA $5D 0A0C B7 56 STA $56 0A0E B6 56 LDA $56 atodtemp –= xdcr_offset; /* remove the offset */ 0A10 B0 5D SUB $5D 0A12 B7 56 STA $56 0A14 B6 55 LDA $55 0A16 B2 5C SBC $5C 0A18 B7 55 STA $55 0A1A B6 56 LDA $56 atodtemp *= slope; /* convert to psi */ 0A1C B7 58 STA $58 0A1E B6 55 LDA $55 0A20 B7 57 STA $57 0A22 B6 59 LDA $59 0A24 B7 66 STA $66 0A26 B6 5A LDA $5A 0A28 B7 67 STA $67 0A2A CD 0A 3F JSR $0A3F 0A2D BF 55 STX $55 0A2F B7 56 STA $56 0A31 CD 08 FE JSR $08FE cvt_bin_dec( atodtemp ); /* convert to decimal and display */ 0A34 20 93 BRA $09C9 } 0A36 81 RTS } /************************************************************************/ main() { 0A37 CD 08 CE JSR $08CE initio(); /* set–up the processor’s i/o */ 0A3A AD 8D BSR $09C9 display_psi(); 0A3C 20 FE BRA $0A3C while(1); /* should never get here */ 0A3E 81 RTS } 0A3F BE 58 LDX $58 0A41 B6 67 LDA $67 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |