| Moteur de recherche de fiches techniques de composants électroniques |
|
R5F104LED Fiches technique(PDF) 206 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F104LED Fiches technique(HTML) 206 Page - Renesas Technology Corp |
|
206 / 213 page ![]() RL78/G14 4. PACKAGE DRAWINGS R01DS0053EJ0330 Rev. 3.30 Page 206 of 208 Aug 12, 2016 4.10 100-pin products R5F104PFAFB, R5F104PGAFB, R5F104PHAFB, R5F104PJAFB R5F104PFDFB, R5F104PGDFB, R5F104PHDFB, R5F104PJDFB R5F104PFGFB, R5F104PGGFB, R5F104PHGFB, R5F104PJGFB S y e S x b M L c Lp HD HE ZD ZE L1 A1 A2 A D E A3 S 0.145 (UNIT:mm) ITEM DIMENSIONS D E HD HE A A1 A2 A3 14.00 0.20 14.00 0.20 16.00 0.20 16.00 0.20 1.60 MAX. 0.10 0.05 1.40 0.05 0.25 c e x y ZD ZE 0.50 0.08 0.08 1.00 1.00 L Lp L1 0.50 0.60 0.15 1.00 0.20 3 3 5 detail of lead end 0.22 0.055 0.045 b 25 50 1 100 26 51 75 76 0.05 A B AB JEITA Package Code RENESAS Code Previous Code MASS (TYP.) [g] P-LFQFP100-14x14-0.50 PLQP0100KE-A P100GC-50-GBR-1 0.69 2012 Renesas Electronics Corporation. All rights reserved. |