| Moteur de recherche de fiches techniques de composants électroniques |
|
R5F104LEA Fiches technique(PDF) 187 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F104LEA Fiches technique(HTML) 187 Page - Renesas Technology Corp |
|
187 / 213 page ![]() RL78/G14 3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = -40 to +105 °C) R01DS0053EJ0330 Rev. 3.30 Page 187 of 208 Aug 12, 2016 3.10 Timing of Entry to Flash Memory Programming Modes <1> The low level is input to the TOOL0 pin. <2> The external reset ends (POR and LVD reset must end before the external reset ends). <3> The TOOL0 pin is set to the high level. <4> Setting of the flash memory programming mode by UART reception and complete the baud rate setting. Remark tSUINIT: The segment shows that it is necessary to finish specifying the initial communication settings within 100 ms from when the external resets end. tSU: How long from when the TOOL0 pin is placed at the low level until a pin reset ends tHD: How long to keep the TOOL0 pin at the low level from when the external resets end (excluding the processing time of the firmware to control the flash memory) (TA = -40 to +105°C, 2.4 V ≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V) Parameter Symbol Conditions MIN. TYP. MAX. Unit How long from when an external reset ends until the initial communication settings are specified tSUINIT POR and LVD reset must end before the external reset ends. 100 ms How long from when the TOOL0 pin is placed at the low level until an external reset ends tSU POR and LVD reset must end before the external reset ends. 10 μs How long the TOOL0 pin must be kept at the low level after an external reset ends (excluding the processing time of the firmware to control the flash memory) tHD POR and LVD reset must end before the external reset ends. 1ms RESET TOOL0 <1> <2> <3> tSU <4> tSUINIT 723 µs + tHD processing time 00H reception (TOOLRxD, TOOLTxD mode) |