| Moteur de recherche de fiches techniques de composants électroniques |
|
R5F104LEA Fiches technique(PDF) 160 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F104LEA Fiches technique(HTML) 160 Page - Renesas Technology Corp |
|
160 / 213 page ![]() RL78/G14 3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = -40 to +105 °C) R01DS0053EJ0330 Rev. 3.30 Page 160 of 208 Aug 12, 2016 Note 1. The value must also be equal to or less than fMCK/4. Note 2. Set the fMCK value to keep the hold time of SCLr = “L” and SCLr = “H”. Caution Select the normal input buffer and the N-ch open drain output (VDD tolerance (for the 30- to 52-pin products)/EVDD tolerance (for the 64- to 100-pin products)) mode for the SDAr pin and the normal output mode for the SCLr pin by using port input mode register g (PIMg) and port output mode register h (POMh). (Remarks are listed on the next page.) (4) During communication at same potential (simplified I2C mode) (TA = -40 to +105°C, 2.4 V ≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V) Parameter Symbol Conditions HS (high-speed main) mode Unit MIN. MAX. SCLr clock frequency fSCL 2.7 V ≤ EVDD0 ≤ 5.5 V, Cb = 50 pF, Rb = 2.7 k Ω 400 Note 1 kHz 2.4 V ≤ EVDD0 ≤ 5.5 V, Cb = 100 pF, Rb = 3 k Ω 100 Note 1 kHz Hold time when SCLr = “L” tLOW 2.7 V ≤ EVDD0 ≤ 5.5 V, Cb = 50 pF, Rb = 2.7 k Ω 1200 ns 2.4V ≤ EVDD0 ≤ 5.5 V, Cb = 100 pF, Rb = 3 k Ω 4600 ns Hold time when SCLr = “H” tHIGH 2.7 V ≤ EVDD0 ≤ 5.5 V, Cb = 50 pF, Rb = 2.7 k Ω 1200 ns 2.4 V ≤ EVDD0 ≤ 5.5 V, Cb = 100 pF, Rb = 3 k Ω 4600 ns Data setup time (reception) tSU: DAT 2.7 V ≤ EVDD0 ≤ 5.5 V, Cb = 50 pF, Rb = 2.7 k Ω 1/fMCK + 220 Note 2 ns 2.4V ≤ EVDD0 ≤ 5.5 V, Cb = 100 pF, Rb = 3 k Ω 1/fMCK + 580 Note 2 ns Data hold time (transmission) tHD: DAT 2.7 V ≤ EVDD0 ≤ 5.5 V, Cb = 50 pF, Rb = 2.7 k Ω 0 770 ns 2.4 V ≤ EVDD0 ≤ 5.5 V, Cb = 100 pF, Rb = 3 k Ω 0 1420 ns |