Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT66F4530 Fiches technique(PDF) 165 Page - Holtek Semiconductor Inc

No de pièce HT66F4530
Description  A/D Flash MCU with Dual Operational Amplifiers
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F4530 Fiches technique(HTML) 165 Page - Holtek Semiconductor Inc

Back Button HT66F4530 Datasheet HTML 161Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 162Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 163Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 164Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 165Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 166Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 167Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 168Page - Holtek Semiconductor Inc HT66F4530 Datasheet HTML 169Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 224 page
background image
Rev. 1.00
1�4
De�e��e� �1� �01�
Rev. 1.00
1�5
De�e��e� �1� �01�
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
HT66F4530/HT66F4540/HT66F4550
A/D Flash MCU with Dual Operational Amplifiers
Operational Amplifiers and Comparators
ThesedevicesincludetwofullyintegratedOperationalAmplifiersandtwoComparatorsaswellas
three8-bitD/AConverters,whichcanbeusedforapplicationswhichneedtointerfacetoexternal
sensors.Thefollowingblockdiagramillustratestheseinternalanalogfunctions.
SDS10
OPAMP1
-
+
S4
S5
S3
SDA1EN
SDS4
SDDA0L
8-bit DAC0
SDDAC0O
A0NI
SDDAC0EN
OPAMP0
-
+
S1
S2
S0
A0PI
SDS1
SDA0EN
A0O
SDA0O
SDA0OFM
SDS0
SDS8
OPA0O
SDS3
SDS5
SDS6
A1PI
SDS2
R1
R2
SDDA2L
8-bit DAC2
SDDAC2EN
C1NI
SDS12
SDC0DEB[1:0]
A1NI
SDDAC0O
SDS7
C1XO
CMP1
-
+
SDC1POL
SDC1OUT
Debounce1
SDC1O
SDC1DEB[1:0]
fSYS
C1PI
SDS9
SDS11
SDA1O
SDA1OFM
S11
SDC1OFM
ON
OFF
ON
ON
ON
OFF
OFF
ON
ON
1
1
SDC1RSP
S9
S10
0
1
x
0
x: Don’t care
S2
SDA0OFM
ON
OFF
ON
ON
ON
OFF
OFF
ON
ON
1
1
SDA0RSP
S0
S1
0
1
x
0
x: Don’t care
S5
SDA1OFM
ON
OFF
ON
ON
ON
OFF
OFF
ON
ON
1
1
SDA1RSP
S3
S4
0
1
x
0
x: Don’t care
S9
S10
S11
SDPGA[2:0]
S8
SDC0OFM
ON
OFF
ON
ON
ON
OFF
OFF
ON
ON
1
1
SDC0RSP
S6
S7
0
1
x
0
x: Don’t care
SDDAC2O
SDC1INT
(To SD CMP1 interrupt)
A1O
SDDA1L
8-bit DAC1
SDDAC1EN
C0NI
C0PI
CMP0
SDC0EN
-
+
SDC0POL
SDC0OUT
Debounce0
SDC0O
C0XO
fSYS
S6
S7
S8
SDDAC1O
SDC0HYS[1:0]
SDC0IS[1:0]
SDC1EN
SDC1HYS[1:0]
SDC1IS[1:0]
SDA1BW[1:0]
SDA0BW[1:0]
SDC0INT
(To SD CMP0 interrupt)
OPA0O
(To A/D Converter)
OPA1O
(To A/D Converter)
Internal Analog Function Block Diagram
Analog Function Operation
TheOperationalAmplifierscanbeusedforsignalamplificationaccordingtospecificuser
requirements.The8-bitD/AConverterscanprovideanaccuratereferencevoltagetothenon-
invertinginputofOperationalAmplifiersandtheinvertinginputofComparators.Thecomparators
areusedtocomparetwoanalogvoltagesandprovideanoutputbasedontheirdifferenceand
generateaninterruptifthecorrespondinginterruptcontrolisenabled.
Theadvantagesofmultipleswitchesandinputpathoptions,variousreferencevoltageselections,
manykindsofinternalsoftwaregaincontrol,debouncetimecontrol,hysteresis,offsetreference
voltagecalibrationfunctionandothersenhancetheflexibilityofthiscircuittosuitawiderangeof
applicationpossibilities.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More