Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P6002ACMC Fiches technique(PDF) 128 Page - Teccor Electronics

No de pièce P6002ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TECCOR [Teccor Electronics]
Site Internet  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P6002ACMC Fiches technique(HTML) 128 Page - Teccor Electronics

Back Button P6002ACMC Datasheet HTML 124Page - Teccor Electronics P6002ACMC Datasheet HTML 125Page - Teccor Electronics P6002ACMC Datasheet HTML 126Page - Teccor Electronics P6002ACMC Datasheet HTML 127Page - Teccor Electronics P6002ACMC Datasheet HTML 128Page - Teccor Electronics P6002ACMC Datasheet HTML 129Page - Teccor Electronics P6002ACMC Datasheet HTML 130Page - Teccor Electronics P6002ACMC Datasheet HTML 131Page - Teccor Electronics P6002ACMC Datasheet HTML 132Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 212 page
background image
GR 1089–Core
http://www.teccor.com
4 - 4
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
Notes:
• When performing longitudinal tests, the test generator will have a dual output.
• Refer to Table 4.2 for switch positions for each test condition.
Note: Other outside plant leads associated with the unit should be grounded during the test and the test repeated with these leads
terminated as in service. Leads that do not connect to outside plant should be terminated as appropriate for the operating
mode(s) of the unit.
Figure 4.1 Connection Appearances
Passing Criteria
Passing criteria for the First Level Lightning Surge Test and the First Level AC Power Fault
Test is that the EUT will not be damaged and that it will operate as intended after the stress
is removed. Passing criteria for the Second Level Lightning Surge Test and Second Level
Table 4.1 Test Conditions
Test
Two-wire Interface
Four-wire Interface
A
1. Tip to Generator, Ring to Ground
2. Ring to Generator, Tip to Ground
3. Tip and Ring to Generator simultaneously
1. Each lead (T, R, T1, R1) to the Generator with the other three
leads grounded
2. Tip and Ring to Generator, simultaneously; T1 and R1 to
Ground
3. T1 and R1 to Generator, simultaneously; Tip and Ring to
Ground
B
Tip and Ring to Generator simultaneously
T, R, T1, R1 to Generator simultaneously
Table 4.2 Connections to Test Generator
Condition
S1
S2
S3
S4
Condition A-1 of Table 4.1
Closed
Open
Open
Closed
Condition A-2 of Table 4.1
Open
Closed
Closed
Open
Condition A-3 of Table 4.1
Closed
Open
Closed
Open
T
E
R
M
T
E
R
M
Associated
Outside
Plant
Leads
Switch Unit
Under Test
Tip
S2
Ring
S4
S1
S3
Limiting
Resistance
(If Specified)
Test Generator
Voltage
Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More