| Moteur de recherche de fiches techniques de composants électroniques |
|
P2202ACMC Fiches technique(PDF) 206 Page - Teccor Electronics |
|
|
|||||||||||||||||||||||||||||
P2202ACMC Fiches technique(HTML) 206 Page - Teccor Electronics |
|
206 / 212 page ![]() Packing Options http://www.teccor.com 6 - 16 © 2002 Teccor Electronics +1 972-580-7777 SIDACtor® Data Book and Design Guide Modified MS-013 Six-pin Tape and reel packing options meet all specifications as set forth in EIA-468-B. Standard reel pack quantity is 1500. The following illustration shows the tube pack: 1 2 3 6 5 4 Direction of Feed .646 (16.4) .512 (13.0) Arbor Hole Dia. 14.173 (360) .630 (16.0) Dimensions are in inches (and millimeters) Component/Tape Layout 1,500 Devices per Reel .472 (12.0) .157 (4.0) Interior of the Tube .045 (1.14) .165 (4.19) .150 (3.81) 90˚ .525 (13.34) A .225 (5.72) Message Location .310 (7.87) .108 .005 20.000 ± .030 (508.00 ± 0.76) .020 ± (0.51 ± 0.13) WALL TYP. .110 (2.79) A 6 Dimensions are in inches (and millimeters) |