Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F358XC Fiches technique(PDF) 124 Page - STMicroelectronics

No de pièce STM32F358XC
Description  Operating conditions
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F358XC Fiches technique(HTML) 124 Page - STMicroelectronics

Back Button STM32F358XC Datasheet HTML 120Page - STMicroelectronics STM32F358XC Datasheet HTML 121Page - STMicroelectronics STM32F358XC Datasheet HTML 122Page - STMicroelectronics STM32F358XC Datasheet HTML 123Page - STMicroelectronics STM32F358XC Datasheet HTML 124Page - STMicroelectronics STM32F358XC Datasheet HTML 125Page - STMicroelectronics STM32F358XC Datasheet HTML 126Page - STMicroelectronics STM32F358XC Datasheet HTML 127Page - STMicroelectronics STM32F358XC Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 134 page
background image
Package information
STM32F358xC
124/134
DocID025540 Rev 4
Device marking
The following figure gives an example of topside marking orientation versus pin 1 identifier
location.
Figure 40. LQFP64 – 10 x 10 mm, low-profile quad flat package top view example
1. Parts marked as “ES”, “E” or accompanied by an Engineering Sample notification letter, are not yet
qualified and therefore not yet ready to be used in production and any consequences deriving from such
usage will not be at ST charge. In no event, ST will be liable for any customer usage of these engineering
samples in production. ST Quality has to be contacted prior to any decision to use these Engineering
samples to run qualification activity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More