| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F072CB Fiches technique(PDF) 113 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F072CB Fiches technique(HTML) 113 Page - STMicroelectronics |
|
113 / 128 page ![]() DocID025004 Rev 5 113/128 STM32F072x8 STM32F072xB Package information 124 Table 77. WLCSP49 package mechanical data Symbol millimeters inches(1) 1. Values in inches are converted from mm and rounded to 4 decimal digits. Min Typ Max Min Typ Max A 0.525 0.555 0.585 0.0207 0.0219 0.0230 A1 - 0.175 - - 0.0069 - A2 - 0.380 - - 0.0150 - A3(2) 2. Back side coating - 0.025 - - 0.0010 - b(3) 3. Dimension is measured at the maximum bump diameter parallel to primary datum Z. 0.220 0.250 0.280 0.0087 0.0098 0.0110 D 3.242 3.277 3.312 0.1276 0.1290 0.1304 E 3.074 3.109 3.144 0.1210 0.1224 0.1238 e - 0.400 - - 0.0157 - e1 - 2.400 - - 0.0945 - e2 - 2.400 - - 0.0945 - F - 0.4385 - - 0.0173 - G - 0.3545 - - 0.0140 - aaa - - 0.100 - - 0.0039 bbb - - 0.100 - - 0.0039 ccc - - 0.100 - - 0.0039 ddd - - 0.050 - - 0.0020 eee - - 0.050 - - 0.0020 |